Electronic Components Datasheet Search
  English  ▼

X  

A7B Datasheet(PDF) 19 Page - AnaSem Hong Kong Limited.

Part # A7B
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7B Datasheet(HTML) 19 Page - AnaSem Hong Kong Limited.

Back Button A7B Datasheet HTML 15Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 16Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 17Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 18Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 19Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 20Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 21Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 22Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 23Page - AnaSem Hong Kong Limited.  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AnaSem Inc.
18
Rev. E09-06
A7B Series
Single-cell Li-ion / Li-polymer Battery Protection IC
.......... Future of the analog world
Delay time
Topr (°C)
[A7BE01AA]
Over-charge detection delay time
vs.
Temperature
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Release delay time 2
vs.
Temperature
30
25
20
15
10
5
0
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
[A7BE01AA]
Over-discharge detection delay time
vs.
Temperature
45
40
35
30
25
20
15
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
[A7BE01AA]
Charge over-current detection delay time
vs.
Temperature
11
10
9
8
6
5
4
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
7
12
[A7BE01AA]
Discharge over-current detection delay time
vs.
Temperature
11
10
9
8
6
5
4
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
7
12
[A7BE01AA]
Load short-circuiting detection delay time
vs.
Temperature
450
400
350
300
200
150
100
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
250
500
[A7BE01AA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com