Electronic Components Datasheet Search
  English  ▼

X  

A7B Datasheet(PDF) 10 Page - AnaSem Hong Kong Limited.

Part # A7B
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7B Datasheet(HTML) 10 Page - AnaSem Hong Kong Limited.

Back Button A7B Datasheet HTML 6Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 7Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 8Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 9Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 10Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 11Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 12Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 13Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 14Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AnaSem Inc.
9
Rev. E09-06
A7B Series
Single-cell Li-ion / Li-polymer Battery Protection IC
.......... Future of the analog world
TYPICAL CONNECTION DIAGRAM
EXTERNAL COMPONENTS
Items
Symbol
Recommended value
Min.
Max.
Resistor 1
R1
330Ω
100Ω
1.0KΩ
Capacitor 1
C1
0.1µF
0.01µF
1.0µF
Resistor 2
R2
3.9KΩ
500Ω
6.0KΩ
The supply voltage (VDD) to this IC is stabilized by R1 and C1. Moreover, R1 and R2 act as the current
restriction resistances at the time of reverse-connecting a charger, or at the time of connecting a charger which
outputs the voltage exceeding the absolute maximum rating of this IC. Please be sure to connect these
components.
If the value of R1 is too large, the over-charge detection voltage and the over-discharge detection voltage will
become high due to the current consumption of this IC. Please use the value within the limits shown in the table.
330Ω is recommended.
If the value of C1 is too small, this IC may be in a shutdown state at the time of the discharge over-current or the
load short-circuiting. Please use the value within the limits shown in the table for stable operation. 0.1μF is
recommended.
Please use the value within the limits shown in the table about the value of R2. In order to reduce the current at
the time of reverse-connecting a charger, we recommend you to choose R1 and R2 so that the sum total become
more than 4KΩ. The recommended value of R2 is 3.9KΩ.
Note)
Battery
R1
VDD
VSS
C1
DO
CO
VM
R2
IC
The connection diagram and each value of external components shown above are just recommendation.
Including a battery and FETs, please determine the circuit after sufficient evaluation about your actual
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com