Electronic Components Datasheet Search
  English  ▼

X  

0819233 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 0819233
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819233 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  0819233 Datasheet HTML 1Page - PHOENIX CONTACT 0819233 Datasheet HTML 2Page - PHOENIX CONTACT 0819233 Datasheet HTML 3Page - PHOENIX CONTACT 0819233 Datasheet HTML 4Page - PHOENIX CONTACT 0819233 Datasheet HTML 5Page - PHOENIX CONTACT 0819233 Datasheet HTML 6Page - PHOENIX CONTACT 0819233 Datasheet HTML 7Page - PHOENIX CONTACT 0819233 Datasheet HTML 8Page - PHOENIX CONTACT 0819233 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EC-E...
103906_en_01
PHOENIX CONTACT
5
General data
Fail-safe element
No backup fuse required for EC-E... as a redundant fail-safe element is
integrated (fuse element)
Mounting the housing
DIN rail in acc. with EN 50022, NS 35 x 7.5
Ambient temperature (operation)
0°C ... +50°C (without condensation, see EN 60204-1)
Ambient temperature (storage)
-20°C ... +70°C
Humid heat
96 h, 95% relative humidity, 40°C
in acc. with IEC 60068-2-78, Test Cab. Climatic class 3K3 according to
EN 60721
Degree of protection (housing, terminals)
IP20, DIN 40050
Installation dimensions (W x H x D)
12.5 mm x 80 mm x 83 mm
Weight
Approx. 65 g
Tests/approvals
Conformance with EMC Directive 2004/108/EC
Noise emission: EN 61000-6-3
Noise immunity: EN 61000-6-2
Insulation coordination (IEC 60934)
0.5 kV/pollution degree 2, increased insulation in actuation area
Dielectric strength
32 V DC maximum (load circuit)
Insulation resistance ("off" state)
None, electronic shutdown only
Vibration resistance
3g, tested in acc. with IEC 60068-2-6, test Fc
Approvals
UL 2367, File E317172
Solid State Overcurrent Protectors
UL 1604, File E324415 (class I, division 2, groups A, B, C, D)
c
Voltage drop, current limitation, maximum load current
Nominal current I
N
Typical voltage drop U
ON at
I
N
Active current limitation
(typical)
Max. load current at 100% OT,
T
A = 40°C
Max. load current at 100% OT,
T
A = 50°C
0.5 A
70 mV
1.8 x I
N
0.5 A
0.5 A
1 A
80 mV
1.8 x I
N
1 A
1 A
2 A
130 mV
1.8 x I
N
2 A
2 A
3 A
80 mV
1.8 x I
N
3 A
3 A
4 A
100 mV
1.8 x I
N
4 A
4 A
6 A
130 mV
1.8 x I
N
6 A
5 A
8 A
120 mV
1.5 x I
N
8 A
7 A
10 A
150 mV
1.5 x I
N
10 A
9 A
12 A
180 mV
1.3 x I
N
12 A
10.8 A
In cases where a row-mounting configuration is being used without convection cooling, the effect of the heat during continuous operation
(100% OT) means that the nominal device current may only be run at a maximum of 80% of its strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com