Electronic Components Datasheet Search
  English  ▼

X  

0819233 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 0819233
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819233 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 0819233 Datasheet HTML 2Page - PHOENIX CONTACT 0819233 Datasheet HTML 3Page - PHOENIX CONTACT 0819233 Datasheet HTML 4Page - PHOENIX CONTACT 0819233 Datasheet HTML 5Page - PHOENIX CONTACT 0819233 Datasheet HTML 6Page - PHOENIX CONTACT 0819233 Datasheet HTML 7Page - PHOENIX CONTACT 0819233 Datasheet HTML 8Page - PHOENIX CONTACT 0819233 Datasheet HTML 9Page - PHOENIX CONTACT 0819233 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EC-E...
103906_en_01
PHOENIX CONTACT
6
3.1
Connection diagrams
Figure 1
Signal inputs/outputs
3.2
Block diagram (using example of EC-E)
Figure 2
Block diagram (using example of EC-E)
The signal contacts are shown in an off state or
fault state.
LINE+
1
SF 23
RE 22
2
LOAD+
0V
3
LINE+
1
14
13
2
LOAD+
0V
3
LINE+
1
12
11
2
LOAD+
0V
3
EC-E1
EC-E4
EC-E
Without signal input, with F alarm output
(individual signal, N/O contact)
Normal state: 13 - 14 closed
Fault state: 13 - 14 open
Without signal input, with F alarm output
(individual signal, N/C contact)
Normal state: 11 - 12 open
Fault state: 11 - 12 closed
With RE reset input (+24 V DC
0), with SF status
output (+24 V = load output ON)
Normal state: SF +24 V = OK
Fault state: SF 0 V
24 V DC
LOAD (+)
load output
0V
SF Status output
Reset input
RE
Operating state,
green/orange/red
S1
on/off
LINE (+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com