Electronic Components Datasheet Search
  English  ▼

X  

0819233 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 0819233
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819233 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 0819233 Datasheet HTML 3Page - PHOENIX CONTACT 0819233 Datasheet HTML 4Page - PHOENIX CONTACT 0819233 Datasheet HTML 5Page - PHOENIX CONTACT 0819233 Datasheet HTML 6Page - PHOENIX CONTACT 0819233 Datasheet HTML 7Page - PHOENIX CONTACT 0819233 Datasheet HTML 8Page - PHOENIX CONTACT 0819233 Datasheet HTML 9Page - PHOENIX CONTACT 0819233 Datasheet HTML 10Page - PHOENIX CONTACT 0819233 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EC-E...
103906_en_01
PHOENIX CONTACT
7
3.3
Information on UL approval
a UL1604
File E324415
Operating Temperature Code T5
–
This equipment is suitable for use in Class I, Division 2,
Groups A, B, C and D or non-hazardous locations only
WARNING:
–
Exposure to some chemicals may degrade the sealing
properties of materials used in the following device:
Relay
Sealant material:
–
Generic name: Modified diglycidyl ether of
bisphenol A
–
Supplier: Fine Polymers Corporation
–
Type: Epi Fine 4616L-160PK
Casing material:
–
Generic name: Liquid crystal polymer
–
Supplier: Sumitomo Chemical
–
Type: E4008, E4009, or E6008
RECOMMENDATION:
–
Periodically inspect the device named above for any
degradation of properties and replace if degradation is
found
WARNING – EXPLOSION HAZARD:
–
Do not disconnect equipment unless power has been
removed or the area is known to be non-hazardous
–
Substitution of any components may impair suitability
for Class I, Division 2
a UL2367
Non-hazardous use - UL File E317172
Class 2
Meets requirement for Class 2 current limitation
(EC-E...-0.5 A/1 A/2 A/3 A)
Figure 3
UL approval package slip
3.4
Dimensions
Figure 4
Dimensions in mm
1
UC-TMF 12 marking label
2
Snap-on socket for DIN rail in acc. with EN 50022,
NS 35 x 7.5
3.5
Structure
Figure 5
Structure (using example of EC-E1)
1
Line+ power rail
2
0-V power rail
3
Signal rail or signal bridge
4
Shock protection slides (molded below the housing and
can be easily removed)
12.5
80
83
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com