Electronic Components Datasheet Search
  English  ▼

X  

0819233 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 0819233
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819233 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 0819233 Datasheet HTML 4Page - PHOENIX CONTACT 0819233 Datasheet HTML 5Page - PHOENIX CONTACT 0819233 Datasheet HTML 6Page - PHOENIX CONTACT 0819233 Datasheet HTML 7Page - PHOENIX CONTACT 0819233 Datasheet HTML 8Page - PHOENIX CONTACT 0819233 Datasheet HTML 9Page - PHOENIX CONTACT 0819233 Datasheet HTML 10Page - PHOENIX CONTACT 0819233 Datasheet HTML 11Page - PHOENIX CONTACT 0819233 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EC-E...
103906_en_01
PHOENIX CONTACT
10
4Mounting the potenial distribution system
Figure 7Mounting
A potential distribution system is integrated into the EC-E...
Various continuous plug-in bridges can be used to create
the following wiring configurations:
–LINE +(24 V DC)
–0 V
–
Signal contacts
–
Reset inputs
12.5 mm x n = width of device block
E.g. 12.5 mm x 5 = 62.5 mm
Press in bridges and
shock protection slides
so that they are flush
with the sides of the housing
Press in bridges
so that they are flush
with the housing and
place in a central
position above
the contacts
LINE+power rail continuous
plug-in bridge, gray
0-V power rail
continuous plug-in bridge, gray
FB ST 500 TMC-NGY
FBST 500-PLC-BU
Simply remove shock
protection slides from
underside of device
(12.5 mm x n) – 3 mm = length of rails +/- 0.5 mm
E.g. (12.5 mm x 5) – 3 = 59.5 mm +/- 0.5 mm
Attach shock protection
slides to sides of device
Continuous plug-in bridges
500 mm length, shorten
FB ST 500 TMC-NGY
FBST 500-PLC-RD
Signal rail or signal bridge
continuous plug-in bridge
BU = blue
RD = red
NOTE: The EC-E... electronic miniature circuit-
breakers require a 0-V connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com