Electronic Components Datasheet Search
  English  ▼

X  

0819233 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 0819233
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819233 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 0819233 Datasheet HTML 4Page - PHOENIX CONTACT 0819233 Datasheet HTML 5Page - PHOENIX CONTACT 0819233 Datasheet HTML 6Page - PHOENIX CONTACT 0819233 Datasheet HTML 7Page - PHOENIX CONTACT 0819233 Datasheet HTML 8Page - PHOENIX CONTACT 0819233 Datasheet HTML 9Page - PHOENIX CONTACT 0819233 Datasheet HTML 10Page - PHOENIX CONTACT 0819233 Datasheet HTML 11Page - PHOENIX CONTACT 0819233 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EC-E...
103906_en_01
PHOENIX CONTACT
8
3.6
Time/current characteristic curve (T
A = 25°C)
Figure 6
Time/current characteristic curve
–
In the 1.1 ... 1.8 x I
N* range, the shutdown time is
typically 3 s.
–
The electronic current limitation function is typically
used from 1.8 x I
N* upwards.
This means that, typically, 1.8 times the nominal
current* is flowing in the case of all overload conditions
that lead to a shutdown (regardless of the power supply
and load circuit resistance). The shutdown time ranges
from 100 ms to 3 s depending on the multiple of the
nominal current, or in the event of a short circuit (I
K).
–
Without the current limitation function used at, typically,
1.8 x I
N*, a considerably higher overcurrent would flow
in the event of an overload or a short circuit.
*
Current limitation typically 1.8 x I
N where IN =
0.5 A ... 6 A
Current limitation typically 1.5 x I
N where IN = 8 A or 10 A
Current limitation typically 1.3 x I
N where IN = 12 A
Stop point
typ. 1.1 x l
min. 1.05 x l
max. 1.25 x l
1.8 x l
NN
Multiples of the nominal current
N
N
0.01
0.1
1
10
100
1000
10000
5
1
02
3
IK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com