Electronic Components Datasheet Search
  English  ▼

X  

0819233 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0819233
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819233 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0819233 Datasheet HTML 1Page - PHOENIX CONTACT 0819233 Datasheet HTML 2Page - PHOENIX CONTACT 0819233 Datasheet HTML 3Page - PHOENIX CONTACT 0819233 Datasheet HTML 4Page - PHOENIX CONTACT 0819233 Datasheet HTML 5Page - PHOENIX CONTACT 0819233 Datasheet HTML 6Page - PHOENIX CONTACT 0819233 Datasheet HTML 7Page - PHOENIX CONTACT 0819233 Datasheet HTML 8Page - PHOENIX CONTACT 0819233 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© PHOENIX CONTACT - 09/2009
103906_en_01
CLIPLINE
EC-E...
Data sheet
1Description
The EC-E... electronic miniature circuit-breaker selectively
protects all 24 V DC load circuits on power supply units. A
combination of active electronic current limitation for short
circuits and an overload shutdown function from 1.1 x I
N
upwards ensures that the miniature circuit-breaker can
react to overloads faster than the power supply unit. In this
case, the residual current is constantly restricted to 1.3 -
1.8 times the nominal current.
This enables capacitive loads of up to 20, 000 µF to be
switched on; loads are shut down only in the event of an
overload or short circuit.
Once an overload or short circuit has been detected in the
load circuit, the load output of the EC-E... is blocked. The
current flow in the faulty circuit is interrupted. The EC-E...
and, therefore, the current circuit can be activated again
using the electronic reset input or manually on the device
using the slide switch.
Wiring and signaling tasks can be implemented easily using
power rails and plug-in bridges.
A multi-color LED and the integrated status output display
the operating and fault state.
The miniature circuit-breaker has a design width of 12.5 mm
and can be snapped onto NS 35 DIN rails using a modular
approach. It is equipped with screw connections.
1.1
Properties
–
Selective load protection, electronic shutdown
characteristic curve
–
Active current limitation when switching on capacitive
loads of up to 20, 000 µF and in the event of an
overload/short circuit
–
Nominal current can be selected in fixed current
strengths from 0.5 A ... 12 A
–
Safe overload shutdown from 1.1 x I
N upwards, even
with long load lines or small cable cross-sections
–
Manual on/off switch (S1)
–
Clear signaling by means of LED, SF status output, or F
alarm output (signal contact), (can be combined)
–
RE electronic reset input (option)
–
Integrated fail-safe element, adapted to nominal current
–
Straightforward wiring using LINE+ power rail and 0 V,
as well as signal rails and signal bridges
NOTE: Make sure that you adapt the cable cross-section of the relevant load circuit to the nominal current of the
EC-E... being used.
Take special precautions in the system or machine to eliminate the possibility of system parts restarting (in
accordance with the Machinery Directive 2006/42/EC and EN 60204-1). In the event of a fault (short circuit/
overload), the EC-E... shuts down the load circuit electronically.
Make sure you always use the latest documentation.
It can be downloaded at www.phoenixcontact.net/download.
This data sheet is valid for all products listed on the following page:
Electronic miniature circuit-breaker


Similar Part No. - 0819233

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0819233 PHOENIX-0819233 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 12
0819233 PHOENIX-0819233 Datasheet
93Kb / 4P
RWO 5
0819233 PHOENIX-0819233 Datasheet
94Kb / 4P
RWO 5/S
0819233 PHOENIX-0819233 Datasheet
100Kb / 5P
UW 16
0819233 PHOENIX-0819233 Datasheet
101Kb / 4P
RW 5/S
More results

Similar Description - 0819233

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com