Electronic Components Datasheet Search
  English  ▼

X  

0819233 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 0819233
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819233 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 0819233 Datasheet HTML 4Page - PHOENIX CONTACT 0819233 Datasheet HTML 5Page - PHOENIX CONTACT 0819233 Datasheet HTML 6Page - PHOENIX CONTACT 0819233 Datasheet HTML 7Page - PHOENIX CONTACT 0819233 Datasheet HTML 8Page - PHOENIX CONTACT 0819233 Datasheet HTML 9Page - PHOENIX CONTACT 0819233 Datasheet HTML 10Page - PHOENIX CONTACT 0819233 Datasheet HTML 11Page - PHOENIX CONTACT 0819233 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EC-E...
103906_en_01
PHOENIX CONTACT
9
3.7
Safe shutdown
Safe shutdown of the EC-E... with different supply line lengths and cable cross-sections
Specific electrical resistance for electrolytic copper:
ρ0 = 0.0178 (Ω x mm²)/m
U
B = 19.2 V DC (80% of 24 V DC)
The voltage drop on the EC-E... and the tolerance of the shutdown point
(typically 1.1 x I
N = 1.05 ... 1.35 x IN) have already been taken into account.
EC-E... nominal current setting I
N (in A) →
3 A
6 A
→ EC-E... typically shuts down after 3 s
E.g., shutdown current I
shut = 1.25 A x IN (in A) →
3.75 A
7.5 A
R
max in ohms = (UB/Ishut) - 0.050 Ω
*
→
*
Internal resistance of miniature circuit-breakers
5.07
Ω
2.51
Ω
EC-E... trips safely from 0
Ω up to max. circuit resistance R
max
Cable cross-section A in mm²
→ 0.14 mm² 0.25 mm² 0.34 mm² 0.5 mm² 0.75 mm²
1 mm²
1.5 mm²
Length L in meters
(= single length)
0
Total cable resistance in ohms = (R
0 x 2 x L)/A
0
0
0
0
0
0
0
5 m
1.27
Ω
0.71
Ω
0.52
Ω
0.36
Ω
0.24
Ω
0.18
Ω
0.12
Ω
10 m
2.54
Ω
1.42
Ω
1.05
Ω
0.71
Ω
0.47
Ω
0.36
Ω
0.24
Ω
15 m
3.81
Ω
2.14
Ω
1.57
Ω
1.07
Ω
0.71
Ω
0.53
Ω
0.36
Ω
20 m
5.09
Ω
2.85
Ω
2.09
Ω
1.42
Ω
0.95
Ω
0.71
Ω
0.47
Ω
25 m
6.36
Ω
3.56
Ω
2.62
Ω
1.78
Ω
1.19
Ω
0.89
Ω
0.59
Ω
30 m
7.63
Ω
4.27
Ω
3.14
Ω
2.14
Ω
1.42
Ω
1.07
Ω
0.71
Ω
35 m
8.90
Ω
4.98
Ω
3.66
Ω
2.49
Ω
1.66
Ω
1.25
Ω
0.83
Ω
40 m
10.17
Ω
5.70
Ω
4.19
Ω
2.85
Ω
1.90
Ω
1.42
Ω
0.95
Ω
45 m
11.44
Ω
6.41
Ω
4.71
Ω
3.20
Ω
2.14
Ω
1.60
Ω
1.07
Ω
50 m
12.71
Ω
7.12
Ω
5.24
Ω
3.56
Ω
2.37
Ω
1.78
Ω
1.19
Ω
75 m
19.07
Ω
10.68
Ω
7.85
Ω
5.34
Ω
3.56
Ω
2.67
Ω
1.78
Ω
100 m
25.34
Ω
14.24
Ω
10.47
Ω
7.12
Ω
4.75
Ω
3.56
Ω
2.37
Ω
125 m
31.79
Ω
17.80
Ω
13.09
Ω
8.90
Ω
5.93
Ω
4.45
Ω
2.97
Ω
150 m
38.14
Ω
21.36
Ω
15.71
Ω
10.68
Ω
7.12
Ω
5.34
Ω
3.56
Ω
175 m
44.50
Ω
24.92
Ω
18.32
Ω
12.46
Ω
8.31
Ω
6.23
Ω
4.15
Ω
200 m
50.86
Ω
28.48
Ω
20.94
Ω
14.24
Ω
9.49
Ω
7.12
Ω
4.75
Ω
225 m
57.21
Ω
32.04
Ω
23.56
Ω
16.02
Ω
10.68
Ω
8.01
Ω
5.34
Ω
250 m
63.57
Ω
35.60
Ω
26.18
Ω
17.80
Ω
11.87
Ω
8.90
Ω
5.93
Ω
Example 1: Max. permissible length at 1.5 mm² and 3 A
→
Approx. 200 m
†
†
Shutdown current I
shut = 3 A x 1.25 A = 3.75 A
Max. current resistance R
max = UB/Ishut - 0.050 Ω (internal resistance of miniature circuit-breakers)
R
max = (19.2 V/3.75 A) - 0.050 Ω = 5.07 Ω
The value calculated, 5.07
Ω, falls between 200 m and 225 m in the table (4.75 Ω and 5.34 Ω).
This means that you can bridge 200 m comfortably.
Example 2: Max. permissible length at 1.5 mm² and 6 A
→
Approx. 100 m
Example 3: Mixed wiring:
(control cabinet--- sensor/actuator level)
R1 = 40 m in 1.5 mm² and R2 = 5 m in 0.25 mm²
R1 = 0.95 ohms, R2 = 0.71 ohms
Total (R1 + R2) = 1.66 ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com