Electronic Components Datasheet Search
  English  ▼

X  

WSF Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # WSF
Description  WIRE WOUND SMD INDUCTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSF Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  WSF Datasheet HTML 1Page - AiT Semiconductor Inc. WSF Datasheet HTML 2Page - AiT Semiconductor Inc. WSF Datasheet HTML 3Page - AiT Semiconductor Inc. WSF Datasheet HTML 4Page - AiT Semiconductor Inc. WSF Datasheet HTML 5Page - AiT Semiconductor Inc. WSF Datasheet HTML 6Page - AiT Semiconductor Inc. WSF Datasheet HTML 7Page - AiT Semiconductor Inc. WSF Datasheet HTML 8Page - AiT Semiconductor Inc. WSF Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSF
●ELECTRICAL CHARACTERISTICS
PART NUMBER
L(uH)
DCR(ΩMax)
IDC(A)(Max)
WSF3D16-1R5T
1.5
0.052
1.55
WSF3D16-1R8T
1.8
0.053
1.40
WSF3D16-2R2T
2.2
0.072
1.20
WSF3D16-2R7T
2.7
0.075
1.15
WSF3D16-3R3T
3.3
0.085
1.10
WSF3D16-4R7T
4.7
0.105
0.90
WSF3D16-6R8T
6.8
0.170
0.73
WSF3D16-100T
10
0.210
0.55
WSF3D16-150T
15
0.295
0.45
WSF3D16-220T
22
0.430
0.40
WSF3D16-330T
33
0.675
0.32
WSF3D16-470T
47
0.860
0.24
WSF3D16-101T
100
2.670
0.21
Note1. Measurement frequency of Inductance value : at 100kHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25°C
Note3. The rated current indicates the current when the inductance decreases to 65% over of it’s
nominal value or D.C. current when the temperature rising
Δt=30°C lower, whichever is lower
Note4. Inductance tolerance: N: ±30% ; M: ±20%
PART NUMBER
L(uH)
DCR(ΩMax)
IDC(A)(Max)
WSF3D28-2R2T
2.2
0.061
2.20
WSF3D28-3R3T
3.3
0.088
2.00
WSF3D28-4R7T
4.7
0.124
1.80
WSF3D28-6R8T
6.8
0.145
1.50
WSF3D28-100T
10
0.158
1.30
WSF3D28-150T
15
0.255
1.10
WSF3D28-220T
22
0.264
0.90
WSF3D28-330T
33
0.462
0.65
WSF3D28-390T
39
0.540
0.60
WSF3D28-470T
47
0.599
0.50
WSF3D28-680T
68
0.673
0.45
WSF3D28-101T
100
1.140
0.35
WSF3D28-471T
470
6.370
0.18
WSF3D28-561T
560
9.490
0.15
Note: Measurement frequency of Inductance value : at 100kHz, 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com