Electronic Components Datasheet Search
  English  ▼

X  

WSF Datasheet(PDF) 12 Page - AiT Semiconductor Inc.

Part # WSF
Description  WIRE WOUND SMD INDUCTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSF Datasheet(HTML) 12 Page - AiT Semiconductor Inc.

Back Button WSF Datasheet HTML 7Page - AiT Semiconductor Inc. WSF Datasheet HTML 8Page - AiT Semiconductor Inc. WSF Datasheet HTML 9Page - AiT Semiconductor Inc. WSF Datasheet HTML 10Page - AiT Semiconductor Inc. WSF Datasheet HTML 11Page - AiT Semiconductor Inc. WSF Datasheet HTML 12Page - AiT Semiconductor Inc. WSF Datasheet HTML 13Page - AiT Semiconductor Inc. WSF Datasheet HTML 14Page - AiT Semiconductor Inc. WSF Datasheet HTML 15Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSF
PART NUMBER
L(uH)
DCR(ΩMax)
Isat(A)
Irms(A)
WSF8D28-2R5T
2.5
0.0156
4.50
6.40
WSF8D28-3R3T
3.3
0.0182
4.00
6.00
WSF8D28-4R7T
4.7
0.0247
3.40
4.50
WSF8D28-7R3T
7.3
0.0390
2.80
3.40
WSF8D28-100T
10
0.0470
2.50
3.20
WSF8D28-150T
15
0.0690
1.90
2.35
WSF8D28-220T
22
0.0990
1.60
1.85
WSF8D28-330T
33
0.156
1.30
1.45
WSF8D28-470T
47
0.195
1.15
1.30
WSF8D28-680T
68
0.286
0.920
0.980
WSF8D28-101T
100
0.430
0.750
0.800
Note: Measurement frequency of Inductance value : at 100kHz, 0.1V
PART NUMBER
L (uH)
DCR
(ΩMax)
Isat (A)
Irms (A)
WSF8D38-1R8T
1.8
0.0156
7.00
6.80
WSF8D38-2R5T
2.5
0.0175
6.50
6.00
WSF8D38-3R5T
3.5
0.024
5.00
5.20
WSF8D38-4R7T
4.7
0.029
4.60
4.40
WSF8D38-6R0T
6.0
0.032
4.20
4.00
WSF8D38-100T
10
0.048
3.00
3.20
WSF8D38-150T
15
0.067
2.75
2.50
WSF8D38-220T
22
0.105
2.30
2.00
WSF8D38-330T
33
0.157
1.75
1.60
WSF8D38-470T
47
0.189
1.52
1.42
WSF8D38-680T
68
0.290
1.30
1.08
WSF8D38-101T
100
0.410
1.05
0.88
Note: Measurement frequency of Inductance value : at 100kHz, 0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com