Electronic Components Datasheet Search
  English  ▼

X  

WSF Datasheet(PDF) 10 Page - AiT Semiconductor Inc.

Part # WSF
Description  WIRE WOUND SMD INDUCTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSF Datasheet(HTML) 10 Page - AiT Semiconductor Inc.

Back Button WSF Datasheet HTML 6Page - AiT Semiconductor Inc. WSF Datasheet HTML 7Page - AiT Semiconductor Inc. WSF Datasheet HTML 8Page - AiT Semiconductor Inc. WSF Datasheet HTML 9Page - AiT Semiconductor Inc. WSF Datasheet HTML 10Page - AiT Semiconductor Inc. WSF Datasheet HTML 11Page - AiT Semiconductor Inc. WSF Datasheet HTML 12Page - AiT Semiconductor Inc. WSF Datasheet HTML 13Page - AiT Semiconductor Inc. WSF Datasheet HTML 14Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSF
PART NUMBER
L(uH)
DCR(ΩMax)
Rated Current(A)
WSF6D18-2R2T
2.2
0.045
3.50
WSF6D18-3R3T
3.3
0.050
3.00
WSF6D18-4R7T
4.7
0.076
2.80
WSF6D18-6R8T
6.8
0.087
2.20
WSF6D18-100T
10
0.150
1.80
WSF6D18-120T
12
0.200
1.70
WSF6D18-150T
15
0.260
1.50
WSF6D18-220T
22
0.396
1.30
WSF6D18-330T
33
0.540
1.05
WSF6D18-470T
47
0.672
0.75
Note: Measurement frequency of Inductance value : at 100kHz,0.25V
PART NUMBER
L(uH)
DCR(ΩMax)
Rated Current(A)
WSF6D28-1R0T
1.0
0.0132
5.50
WSF6D28-2R2T
2.2
0.018
4.00
WSF6D28-3R0T
3.0
0.024
3.00
WSF6D28-3R9T
3.9
0.027
2.60
WSF6D28-4R7T
4.7
0.030
2.50
WSF6D28-5R0T
5.0
0.031
2.40
WSF6D28-6R8T
6.8
0.054
2.10
WSF6D28-100T
10
0.065
1.70
WSF6D28-120T
12
0.070
1.55
WSF6D28-150T
15
0.084
1.40
WSF6D28-180T
18
0.095
1.32
WSF6D28-220T
22
0.128
1.20
WSF6D28-270T
27
0.142
1.05
WSF6D28-330T
33
0.165
0.97
WSF6D28-390T
39
0.210
0.86
WSF6D28-470T
47
0.238
0.80
WSF6D28-560T
56
0.277
0.73
WSF6D28-680T
68
0.304
0.65
WSF6D28-820T
82
0.390
0.60
WSF6D28-101T
100
0.535
0.54
WSF6D28-151T
150
1.200
0.48
Note: Measurement frequency of Inductance value : at 10kHz, 0.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com