Electronic Components Datasheet Search
  English  ▼

X  

WSF Datasheet(PDF) 5 Page - AiT Semiconductor Inc.

Part # WSF
Description  WIRE WOUND SMD INDUCTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSF Datasheet(HTML) 5 Page - AiT Semiconductor Inc.

  WSF Datasheet HTML 1Page - AiT Semiconductor Inc. WSF Datasheet HTML 2Page - AiT Semiconductor Inc. WSF Datasheet HTML 3Page - AiT Semiconductor Inc. WSF Datasheet HTML 4Page - AiT Semiconductor Inc. WSF Datasheet HTML 5Page - AiT Semiconductor Inc. WSF Datasheet HTML 6Page - AiT Semiconductor Inc. WSF Datasheet HTML 7Page - AiT Semiconductor Inc. WSF Datasheet HTML 8Page - AiT Semiconductor Inc. WSF Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSF
PART NUMBER
L(uH)
DCR(ΩMax)
Rated Current(A)
WSF4D18-1R0T
1.0
0.045
1.72
WSF4D18-2R2T
2.2
0.075
1.32
WSF4D18-2R7T
2.7
0.105
1.28
WSF4D18-3R3T
3.3
0.110
1.04
WSF4D18-3R9T
3.9
0.155
0.88
WSF4D18-4R7T
4.7
0.162
0.84
WSF4D18-5R6T
5.6
0.170
0.80
WSF4D18-6R8T
6.8
0.200
0.76
WSF4D18-8R2T
8.2
0.245
0.68
WSF4D18-100T
10
0.200
0.61
WSF4D18-120T
12
0.210
0.56
WSF4D18-150T
15
0.240
0.50
WSF4D18-180T
18
0.338
0.48
WSF4D18-220T
22
0.397
0.41
WSF4D18-270T
27
0.441
0.35
WSF4D18-330T
33
0.694
0.32
WSF4D18-390T
39
0.709
0.30
WSF4D18-470T
47
0.922
0.28
WSF4D18-560T
56
1.080
0.26
WSF4D18-680T
68
1.300
0.24
WSF4D18-820T
82
1.560
0.22
WSF4D18-101T
100
1.730
0.20
WSF4D18-121T
120
2.390
0.18
WSF4D18-151T
150
2.670
0.15
WSF4D18-181T
180
4.000
0.14
Note: Measurement frequency of Inductance value : at 100kHz, 0.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com