Electronic Components Datasheet Search
  English  ▼

X  

WSF Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # WSF
Description  WIRE WOUND SMD INDUCTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSF Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  WSF Datasheet HTML 1Page - AiT Semiconductor Inc. WSF Datasheet HTML 2Page - AiT Semiconductor Inc. WSF Datasheet HTML 3Page - AiT Semiconductor Inc. WSF Datasheet HTML 4Page - AiT Semiconductor Inc. WSF Datasheet HTML 5Page - AiT Semiconductor Inc. WSF Datasheet HTML 6Page - AiT Semiconductor Inc. WSF Datasheet HTML 7Page - AiT Semiconductor Inc. WSF Datasheet HTML 8Page - AiT Semiconductor Inc. WSF Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSF
●FEATURE
1.
Various high power inductors are superior
to be high saturation for surface mounting
●APPLICATION
1.
DC-DC converter of portable equipment
2.
Digital Camera, PDA, MP3
3.
Notebook, Camcorder and others
4.
LCD TV
WSF4D18
WSF6D18
WSF3D16
WSF8D28
WSF4D28
WSF6D28
WSF3D28
WSF8D38
WSF5D18
WSF6D38
WSF5D28R
WSF8D43
WSF5D28
WSF10D40
WSF10D50
●ORDERING INFORMATION
WSF4D18
-1R0
T
PN
Inductance
M
:±20%
N
:±30%
●SHAPE AND DIMENSION
● SCHEMATICS AND LAND PATTERNS(mm)
WSF3D16
WSF3D28/4D18/4D28/5D18/5D28


Similar Part No. - WSF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSF VISHAY-WSF Datasheet
92Kb / 3P
Metal Film Resistors, Power, Surface Mount
08-Jun-2020
WSF VISHAY-WSF Datasheet
92Kb / 3P
Metal Film Resistors, Power, Surface Mount
08-Jun-2020
logo
Shenzhen Guan Hua Wei Y...
WSF07N10 WIINSOK-WSF07N10 Datasheet
1Mb / 5P
N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSF07N20 DOINGTER-WSF07N20 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
WSF09N20 DOINGTER-WSF09N20 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - WSF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
744775330 ETC2-744775330 Datasheet
90Kb / 2P
WE-ASI SMD Wire Wound Inductor
logo
Wurth Elektronik GmbH &...
74458303 WURTH-74458303 Datasheet
1Mb / 5P
WE-ASI SMD Wire Wound Inductor
744775360 WURTH-744775360 Datasheet
783Kb / 5P
WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
WE-ASI SMD Wire Wound Inductor
logo
AiT Semiconductor Inc.
WSA AITSEMI-WSA Datasheet
286Kb / 4P
WIRE WOUND SMD INDUCTOR
WSC AITSEMI-WSC Datasheet
348Kb / 3P
WIRE WOUND SMD INDUCTOR 10uH짹20% / 1.0A
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
WSM AITSEMI-WSM Datasheet
272Kb / 3P
WIRE WOUND SMD INDUCTOR
WSS AITSEMI-WSS Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com