Electronic Components Datasheet Search
  English  ▼

X  

WSF Datasheet(PDF) 9 Page - AiT Semiconductor Inc.

Part # WSF
Description  WIRE WOUND SMD INDUCTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSF Datasheet(HTML) 9 Page - AiT Semiconductor Inc.

Back Button WSF Datasheet HTML 5Page - AiT Semiconductor Inc. WSF Datasheet HTML 6Page - AiT Semiconductor Inc. WSF Datasheet HTML 7Page - AiT Semiconductor Inc. WSF Datasheet HTML 8Page - AiT Semiconductor Inc. WSF Datasheet HTML 9Page - AiT Semiconductor Inc. WSF Datasheet HTML 10Page - AiT Semiconductor Inc. WSF Datasheet HTML 11Page - AiT Semiconductor Inc. WSF Datasheet HTML 12Page - AiT Semiconductor Inc. WSF Datasheet HTML 13Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSF
PART NUMBER
L(uH)
DCR(ΩMax)
Rated Current(A)
WSF5D28R-2R5T
2.5
0.0176
2.60
WSF5D28R-3R3T
3.3
0.0203
2.30
WSF5D28R-4R0T
4.0
0.0270
2.10
WSF5D28R-4R7T
4.7
0.0300
1.95
WSF5D28R-5R0T
5.0
0.0311
1.85
WSF5D28R-6R0T
6.0
0.0419
1.70
WSF5D28R-8R0T
8.0
0.0499
1.50
WSF5D28R-100T
10
0.0540
1.30
WSF5D28R-120T
12
0.0716
1.20
WSF5D28R-150T
15
0.0824
1.10
WSF5D28R-180T
18
0.102
1.05
WSF5D28R-220T
22
0.119
0.95
WSF5D28R-270T
27
0.146
0.85
WSF5D28R-330T
33
0.183
0.76
WSF5D28R-390T
39
0.210
0.68
WSF5D28R-470T
47
0.230
0.60
WSF5D28R-560T
56
0.305
0.55
WSF5D28R-680T
68
0.351
0.48
WSF5D28R-820T
82
0.419
0.45
WSF5D28R-101T
100
0.520
0.40
Note: Measurement frequency of Inductance value : at 100kHz, 0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com