Electronic Components Datasheet Search
  English  ▼

X  

WSF Datasheet(PDF) 7 Page - AiT Semiconductor Inc.

Part # WSF
Description  WIRE WOUND SMD INDUCTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSF Datasheet(HTML) 7 Page - AiT Semiconductor Inc.

Back Button WSF Datasheet HTML 3Page - AiT Semiconductor Inc. WSF Datasheet HTML 4Page - AiT Semiconductor Inc. WSF Datasheet HTML 5Page - AiT Semiconductor Inc. WSF Datasheet HTML 6Page - AiT Semiconductor Inc. WSF Datasheet HTML 7Page - AiT Semiconductor Inc. WSF Datasheet HTML 8Page - AiT Semiconductor Inc. WSF Datasheet HTML 9Page - AiT Semiconductor Inc. WSF Datasheet HTML 10Page - AiT Semiconductor Inc. WSF Datasheet HTML 11Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSF
PART NUMBER
L(uH)
DCR(ΩMax)
Rated Current(A)
WSF5D18-2R2T
2.2
0.052
2.20
WSF5D18-3R3T
3.3
0.055
2.10
WSF5D18-4R7T
4.7
0.068
1.65
WSF5D18-6R2T
6.2
0.096
1.40
WSF5D18-6R8T
6.8
0.110
1.30
WSF5D18-8R2T
8.2
0.115
1.27
WSF5D18-100T
10
0.124
1.20
WSF5D18-120T
12
0.153
1.10
WSF5D18-150T
15
0.196
0.97
WSF5D18-180T
18
0.210
0.85
WSF5D18-220T
22
0.290
0.80
WSF5D18-270T
27
0.330
0.75
WSF5D18-330T
33
0.386
0.65
WSF5D18-390T
39
0.520
0.57
WSF5D18-470T
47
0.595
0.54
WSF5D18-560T
56
0.665
0.50
WSF5D18-680T
68
0.840
0.43
WSF5D18-820T
82
0.840
0.43
WSF5D18-101T
100
1.200
0.36
Note: Measurement frequency of Inductance value : at 100kHz, 0.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com