Electronic Components Datasheet Search
  English  ▼

X  

MF2DLX0 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MF2DLX0
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DLX0 Datasheet(HTML) 3 Page - NXP Semiconductors

  MF2DLX0 Datasheet HTML 1Page - NXP Semiconductors MF2DLX0 Datasheet HTML 2Page - NXP Semiconductors MF2DLX0 Datasheet HTML 3Page - NXP Semiconductors MF2DLX0 Datasheet HTML 4Page - NXP Semiconductors MF2DLX0 Datasheet HTML 5Page - NXP Semiconductors MF2DLX0 Datasheet HTML 6Page - NXP Semiconductors MF2DLX0 Datasheet HTML 7Page - NXP Semiconductors MF2DLX0 Datasheet HTML 8Page - NXP Semiconductors MF2DLX0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
3 / 132
• User configurable file naming enabling compatibility to legacy systems and NFC Type 4
Tag compliant configurations
2.3 Security and Privacy
• Common Criteria certification: EAL4 for both Hardware and Software
• Secure messaging compliant to standard AES according to NIST Special Publication
800-38A and 800-38B [5] [6]
– Optional enhanced side channel attack protection using LRP wrapped AES operation
according to [10]
– Secure messaging compatible with a subset of MIFARE DESFire EV2 secure
messaging
• Five customer defined AES 128-bit keys including key versions
• Optional Random ID for enhanced privacy
• Individual AES 128-bit TMAC key for enhanced transaction protection
• Transaction counter limit to limit the number of transactions with the application
• 3-pass mutual authentication
• Flexible access control configurable per file (EF)
– Individual key configuration for Read (R) / Write (W) / ReadWrite (RW) / Configuration
• Configurable secure messaging communication mode
– Plain communication
– CMAC protected for message integrity protection
– Full Enciphered plus CMAC for full encryption of complete data transferred through
contactless interface
• ECC-based NXP originality signature
• AES-based originality keys leveraging the LRP wrapped AES authentication
2.4 Specific Features
• Transaction-oriented automatic anti-tearing mechanism
• Configurable ATS information for card personalization
• Functional compatibility with MIFARE DESFire EV2 for easy integration of applications
designed on MF2DL(H)x0 into flexible multi-application solutions
• High input capacitance (50 pF) for small form factor design available
3 Applications
MIFARE DESFire Light can be used in various contactless applications, some target
applications are mentioned below.
• Access management
• Event ticketing
• Transport ticketing
• Account based services
• Electronic voucher
• Gaming
• Loyalty cards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com