Electronic Components Datasheet Search
  English  ▼

X  

MF2DLX0 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MF2DLX0
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DLX0 Datasheet(HTML) 1 Page - NXP Semiconductors

  MF2DLX0 Datasheet HTML 1Page - NXP Semiconductors MF2DLX0 Datasheet HTML 2Page - NXP Semiconductors MF2DLX0 Datasheet HTML 3Page - NXP Semiconductors MF2DLX0 Datasheet HTML 4Page - NXP Semiconductors MF2DLX0 Datasheet HTML 5Page - NXP Semiconductors MF2DLX0 Datasheet HTML 6Page - NXP Semiconductors MF2DLX0 Datasheet HTML 7Page - NXP Semiconductors MF2DLX0 Datasheet HTML 8Page - NXP Semiconductors MF2DLX0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
Rev. 3.3 — 5 April 2019
Product data sheet
430733
COMPANY PUBLIC
1 General description
1.1 Introduction
MIFARE DESFire Light (MF2DL(H)x0) is a versatile contactless smart card platform
serving the requirements of applications managed by one single entity. Offering a
powerful mix between performance, security, privacy and flexibility. It addresses the
needs of limited use and simple extended use applications. Based on these parameters
MIFARE DESFire Light is a trusted platform targeting the secure authentication of people
with an intuitive convenient user experience.
MIFARE DESFire Light is fully compliant with the contactless proximity smart card
protocol according to ISO/IEC 14443-4 and ISO/IEC 7816-4 communication frames
making it compatible with the majority of existing contactless infrastructure devices and
with NFC devices, such as NFC enabled mobile handsets. Its contactless performance
supports superior user convenience and reading distances up to 10 cm.
MIFARE DESFire Light has a file-based memory structure compliant to ISO/IEC 7816-4
with a fixed, pre-defined configuration of six individual files (EF). The pre-defined
configuration enables various use cases and allows the management of data according
to best practice. Organized in one single directory (DF) and configurable access rights
per file it enables different use cases of one issuing instance. MIFARE DESFire Light
offers three individual standard data files with totally 544 bytes of memory for storage of
application-specific data. The value file with a stored signed integer value and an upper
and lower limit enables fast, flexible and secure implementation of monetary transactions,
e.g. for micropayment applications. The cyclic record file with 4 entries of 16 bytes each
enables an on-card logging of transactions.
As a contactless platform, MIFARE DESFire Light includes a powerful transaction
management. This transaction management ensures data and transaction consistency
supporting applications with the avoidance of disrupted or incomplete transactions. The
optional Transaction Message Authentication (TMAC) further enables operators of, e.g.,
payment applications with a cryptographic checksum over the complete transaction
enabling the verification of a transaction by a clearing entity.
MIFARE DESFire Light offers AES-based security features for authentication and data
transfer over the contactless interface. The required level of security is defined by the
needs of the application and can be done on a file basis. With 5 customer defined keys,
MIFARE DESFire Light supports a key management addressing the organizational and
security needs of the issuing entity.
Beside the standard AES implementation, MIFARE DESFire Light offers an alternative
AES-based protocol for authentication and secure messaging using a Leakage Resilient
Primitive, LRP. The LRP works as a wrapper around the AES cryptography and
enhances side-channel and fault resistance.


Similar Part No. - MF2DLX0

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MF2 MERCURY-MF2 Datasheet
102Kb / 1P
Surface Mount Crystals
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
MF2000 RIEDON-MF2000 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
logo
List of Unclassifed Man...
MF20080V1-1000U-A99 ETC-MF20080V1-1000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
More results

Similar Description - MF2DLX0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
MF3DX2 NXP-MF3DX2 Datasheet
317Kb / 27P
MIFARE DESFire EV2 contactless multi-application IC
Rev.3.2-12 June2019
MF3DX3 NXP-MF3DX3 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF0AES20 NXP-MF0AES20 Datasheet
680Kb / 73P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
MF0AES20 NXP-MF0AES20_V01 Datasheet
653Kb / 72P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.2 - 28 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com