Electronic Components Datasheet Search
  English  ▼

X  

MF2DLX0 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MF2DLX0
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DLX0 Datasheet(HTML) 4 Page - NXP Semiconductors

  MF2DLX0 Datasheet HTML 1Page - NXP Semiconductors MF2DLX0 Datasheet HTML 2Page - NXP Semiconductors MF2DLX0 Datasheet HTML 3Page - NXP Semiconductors MF2DLX0 Datasheet HTML 4Page - NXP Semiconductors MF2DLX0 Datasheet HTML 5Page - NXP Semiconductors MF2DLX0 Datasheet HTML 6Page - NXP Semiconductors MF2DLX0 Datasheet HTML 7Page - NXP Semiconductors MF2DLX0 Datasheet HTML 8Page - NXP Semiconductors MF2DLX0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
4 / 132
4 Ordering information
Table 1. Ordering information
Type number
Package
Description
Version
MF2DL1001DUD/02
FFC
8 inch wafer (sawn; 120 μm thickness; Au Bumps) [1] [2] ; 640 Byte
User Memory, 17 pF input capacitance
-
MF2DLH1001DUD/02
FFC
8 inch wafer (sawn; 120 μm thickness; Au Bumps) [1] [2] ; 640 Byte
User Memory, 50 pF input capacitance
-
MF2DL1001DUF/02
FFC
8 inch wafer (sawn; 75 μm thickness; Au Bumps) [1] [2] ; 640 Byte User
Memory, 17 pF input capacitance
-
MF2DLH1001DUF/02
FFC
8 inch wafer (sawn; 75 μm thickness; Au Bumps) [1] [2] ; 640 Byte User
Memory, 50 pF input capacitance
MF2DL1000DA8/02
MOA8
plastic leadless module carrier package [3] ; 640 Byte User Memory,
17pF input capacitance
SOT500-4
MF2DLH1000DA8/02
MOA8
plastic leadless module carrier package [3] ; 640 Byte User Memory, 50
pF input capacitance
SOT500-4
MF2DL1000DA4/02
MOA4
plastic leadless module carrier package [4] ; 640 Byte User Memory, 17
pF input capacitance
SOT500-2
MF2DLH1000DA4/02
MOA4
plastic leadless module carrier package [4] ; 640 Byte User Memory, 50
pF input capacitance
SOT500-2
[1]
Delivered on film frame carrier with electronic fail die marking according to SECSII format.
[2]
See [13]
[3]
see for MOA8 Figure 45
[4]
see for MOA4 Figure 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com