Electronic Components Datasheet Search
  English  ▼

X  

MF2DLX0 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MF2DLX0
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DLX0 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MF2DLX0 Datasheet HTML 76Page - NXP Semiconductors MF2DLX0 Datasheet HTML 77Page - NXP Semiconductors MF2DLX0 Datasheet HTML 78Page - NXP Semiconductors MF2DLX0 Datasheet HTML 79Page - NXP Semiconductors MF2DLX0 Datasheet HTML 80Page - NXP Semiconductors MF2DLX0 Datasheet HTML 81Page - NXP Semiconductors MF2DLX0 Datasheet HTML 82Page - NXP Semiconductors MF2DLX0 Datasheet HTML 83Page - NXP Semiconductors MF2DLX0 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
80 / 132
11.7.3 GetFileIDs
The GetFileID command returns the File IDentifiers of all active files within the
MIFARE DESFire Light application. Communication mode is CommMode.MAC.
aaa-032207
PICC to PCD
PCD to PICC
CLA
90
CMD
6F
P1
00
P2
00
Lc
-
1
1
1
1
1
Le
00
1
Data Parameters
-
Response data
FileIDList
List of n File IDs [5, 6]
SW1
status
1
SW2
1
Figure 24. GetFileIDs command protocol
Table 75.  Command parameters description - GetFileIDs
Name
Length
Value
Description
Command Header Parameters
Cmd
1
6Fh
Command code.
Command Data Parameters
-
-
-
No data parameters
Table 76.  Response data parameters description - GetFileIDs - OPERATION_OK
Name
Length
Value
Description
5, 6
-
List of n File IDs, if the TransactionMAC file is
present, the 6 file IDs will be returned, otherwise
5
FileIDList
00h..1Fh
for each byte
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 77
Table 77.  Return code description - GetFileIDs
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.
INTEGRITY_ERROR
1Eh
Invalid secure messaging MAC (only).
LENGTH_ERROR
7Eh
Command size not allowed.
PERMISSION_DENIED
9Dh
PICC level (MF) is selected.
MEMORY_ERROR
EEh
Failure when reading or writing to non-volatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com