Electronic Components Datasheet Search
  English  ▼

X  

MF2DLX0 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MF2DLX0
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DLX0 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MF2DLX0 Datasheet HTML 7Page - NXP Semiconductors MF2DLX0 Datasheet HTML 8Page - NXP Semiconductors MF2DLX0 Datasheet HTML 9Page - NXP Semiconductors MF2DLX0 Datasheet HTML 10Page - NXP Semiconductors MF2DLX0 Datasheet HTML 11Page - NXP Semiconductors MF2DLX0 Datasheet HTML 12Page - NXP Semiconductors MF2DLX0 Datasheet HTML 13Page - NXP Semiconductors MF2DLX0 Datasheet HTML 14Page - NXP Semiconductors MF2DLX0 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
11 / 132
A StandardData file is not covered by the transaction mechanism and therefore does
not implement a transaction-based backup mechanism. Thus data are available to read
as soon as they are written in the file. The writing operations of single frames up to 128
bytes with a WriteData or ISOUpdateBinary command are also tearing protected.
8.2.3.2 Value file
The Value file stores the data as a 4 byte signed integer.
The Value file can be read with the GetValue command. The value can be manipulated
with Credit, Debit and LimitedCredit commands, respectively.
The value is restricted by an upper and lower limit that the current value of the file cannot
exceed.
The Value file can support a LimitedCredit feature as defined in Section 11.8.6. The free
GetValue allows a user to get freely the value of a value file bypassing an authentication
if necessary as long as there is one access condition associated with GetValue
command that is different from "no access" condition, see Section 11.5.1
The Value file implements a backup mechanism. All operations executed on a value file
within the current transaction will be effective only when a successful CommitTransaction
will be executed. Meanwhile or if the transaction is aborted or not successfully
committed, the previous value remains effective and is returned by a GetValue.
8.2.3.3 Record file
The record file is a CyclicRecord file which allows storing latest 4 records of 16-byte
(each record) size.
The record file adds up new records when a successful WriteRecord command is
executed. When the maximum number of records of the file is reached, the next new
record overwrites the oldest record as defined Section 11.8.8.
The record file implements a backup mechanism. All operations executed on a record file
within the current transaction are effective only when a successful CommitTransaction
command is executed.
If the transaction is aborted or not successfully committed the previous file image is
effective and returned by a ReadRecords command.
Within a record file, records are numbered starting with the latest record written. Meaning
that the latest record written has the number 0, the second latest record written has the
number 1 and so on. Its valid range is from 0 to the number of existing records
ExistingRecCount- 1 in the record file.
This indexing is used in the data management commands to address records within the
Record file.
Note that when reading out records, the records are returned in the chronological order
that they have been written, i.e. the oldest record is returned first.
8.2.3.4 TransactionMAC file
A TransactionMAC file is used to store Transaction MAC-related information. It consists
of the following items:
• Transaction MAC Counter (TMC) 4 byte unsigned integer. The TMC is initialized
to 00000000h on file creation. This value means that no Transaction MAC has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com