Electronic Components Datasheet Search
  English  ▼

X  

MF2DLX0 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MF2DLX0
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DLX0 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MF2DLX0 Datasheet HTML 4Page - NXP Semiconductors MF2DLX0 Datasheet HTML 5Page - NXP Semiconductors MF2DLX0 Datasheet HTML 6Page - NXP Semiconductors MF2DLX0 Datasheet HTML 7Page - NXP Semiconductors MF2DLX0 Datasheet HTML 8Page - NXP Semiconductors MF2DLX0 Datasheet HTML 9Page - NXP Semiconductors MF2DLX0 Datasheet HTML 10Page - NXP Semiconductors MF2DLX0 Datasheet HTML 11Page - NXP Semiconductors MF2DLX0 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
8 / 132
8 Functional description
8.1 Interface initialization and protocol
MF2DL(H)x0 is fully compliant to ISO/IEC 14443-2 [1] radio frequency power and signal
interface, the initialization and anti-collision is according to ISO/IEC 14443-3 [2] and it
uses transmission protocol as specified in ISO/IEC 14443-4 [3] of PICC Type A.
8.1.1 Default ISO/IEC 14443 parameter values
This section describes the default values for ISO/IEC 14443 activation and selection.
Usage of Random ID and SAK, ATS values can be changed using the SetConfiguration
command.
Note, that any change in the ISO/IEC 14443 parameter values through SetConfiguration
requires a power cycle to make those changes effective.
ATQA
ATQA value is 0344h, which denotes double size (7-byte) UID. However, MF2DL(H)x0
offers configuration of Random ID which is single size (4-byte). If the Random ID feature
is enabled, then the ATQA is changed to 0304h. According to ISO/IEC 14443-3, the
ATQA bytes are transmitted as LSB first.
SAK
For double size UID, the default value of SAK1 in cascade level 1 is 04h, indicating that
the UID is not complete. SAK2 in cascade level 2 is 20h, indicating UID complete and
supporting ISO/IEC 14443-4. For single size UID which is used in the Random ID case,
the value of SAK is 20h, indicating UID complete and supporting ISO/IEC 14443-4.
UID
The ISO/IEC 14443-3 compliant UID is programmed and locked during production. The
first byte of the double size UID is fixed to 04h, indicating NXP as manufacturer.
ATS
The default value of the ATS of MF2DL(H)x0 is as follows:
Table 4. Default ATS value
ATS
Parameter
Default
Value
Comment
TL
06h
Length of ATS
T0
77h
TA(1), TB(1), TC(1) present in ATS and frame size is 128 bytes
TA(1)
77h
Different communication speed can be set in each direction
supports communication speeds 212, 424, 848 kbps in both directions
TB(1)
71h
Max frame waiting time is 38.66 ms, start frame guard time is 604 µs
TC(1)
02h
CID supported
T1
80h
Historical byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com