Electronic Components Datasheet Search
  English  ▼

X  

MF2DLX0 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MF2DLX0
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DLX0 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MF2DLX0 Datasheet HTML 9Page - NXP Semiconductors MF2DLX0 Datasheet HTML 10Page - NXP Semiconductors MF2DLX0 Datasheet HTML 11Page - NXP Semiconductors MF2DLX0 Datasheet HTML 12Page - NXP Semiconductors MF2DLX0 Datasheet HTML 13Page - NXP Semiconductors MF2DLX0 Datasheet HTML 14Page - NXP Semiconductors MF2DLX0 Datasheet HTML 15Page - NXP Semiconductors MF2DLX0 Datasheet HTML 16Page - NXP Semiconductors MF2DLX0 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
13 / 132
Condition value
Description
Eh
free access
Fh
no access or RFU
The set of access conditions is coded on 2 bytes as shown in the following table. RFU
access conditions are expected to be set to Fh (for future extensibility).
Table 7.  Set of Access condition
Bit index
Description
Value
15..12
Read
access condition as in Table 6
11..8
Write
access condition as in Table 6
7..4
ReadWrite
access condition as in Table 6
3..0
Change
access condition as in Table 6
The default access conditions for the files in MF2DL(H)x0 is shown below in .
Table 8. Default file access rights
Default File
No.
File Type
Read
Write
ReadWrite Change
1Fh
StandardData File
Eh
Fh
3h
0h
00h
StandardData File
1h
Fh
3h
0h
04h
StandardData File
1h
2h
3h
0h
03h
Value File
1h
2h
3h
0h
01h
CyclicRecord File
1h
2h
3h
0h
0Fh
TransactionMAC File
1h
Fh
1h
0h
The mapping of access rights to applicable commands is shown in Table 9.
Table 9.  Command list associated with access rights
Access Right
Command
Read
ReadData
ISOReadBinary
ReadRecords
GetValue
Debit
Write
WriteData
ISOUpdateBinary
WriteRecord
GetValue
Debit
LimitedCredit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com