Electronic Components Datasheet Search
  English  ▼

X  

RCAE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RCAE3
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCAE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  RCAE3 Datasheet HTML 1Page - Vishay Siliconix RCAE3 Datasheet HTML 2Page - Vishay Siliconix RCAE3 Datasheet HTML 3Page - Vishay Siliconix RCAE3 Datasheet HTML 4Page - Vishay Siliconix RCAE3 Datasheet HTML 5Page - Vishay Siliconix RCAE3 Datasheet HTML 6Page - Vishay Siliconix RCAE3 Datasheet HTML 7Page - Vishay Siliconix RCAE3 Datasheet HTML 8Page - Vishay Siliconix RCAE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 04-Jul-2022
4
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Production is strictly controlled and follows an extensive set
of instructions established for reproducibility. A cermet film
layer and a glass-over are deposited on a high grade (Al2O3)
ceramic substrate with its prepared inner contacts on both
sides. A special laser is used to achieve the target value by
smoothly fine trimming the resistive layer without damaging
the ceramics. A special process is used to ensure resistor
long
term
operation
in
harsh
environment
(sulfur
atmosphere). The resistor elements are covered by a
protective coating designed for electrical, mechanical and
climatic protection. The terminations receive a final pure tin
on nickel plating.
The result of the determined production is verified by an
extensive testing procedure on 100 % of the individual chip
resistors. Only accepted products are laid directly into
the tape in accordance with IEC 60286-3 Type 1a and
Type 2a (1)
.
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic
soldering wave, reflow or vapor phase as shown in
IEC 61760-1 (1)
. The encapsulation is resistant to all
cleaning solvents commonly used in the electronics
industry, including alcohols, esters and aqueous solutions.
The suitability of conformal coatings, potting compounds
and their processes, if applied, shall be qualified by
appropriate means to ensure the long-term stability of the
whole system.
The resistors are RoHS-compliant, the pure tin plating
provides
compatibility
with
lead
(Pb)-free
and
lead-containing
soldering
processes.
Solderability
is
specified for 2 years after production or requalification. The
permitted storage time is 20 years. The immunity of the
plating against tin whisker growth has been proven under
extensive testing.
MATERIALS
Vishay acknowledges the following systems for the
regulation of hazardous substances:
• IEC 62474, Material Declaration for Products of and for the
Electrotechnical Industry, with the list of declarable
substances given therein (2)
• The
Global
Automotive
Declarable
Substance
List
(GADSL) (3)
• The REACH regulation (1907/2006/EC) and the related list
of substances with very high concern (SVHC) (4) for its
supply chain
The
products
do
not
contain
any
of
the
banned
substances as per IEC 62474, GADSL, or the SVHC list,
see www.vishay.com/how/leadfree.
Hence the products fully comply with the following
directives:
• 2000/53/EC End-of-Life Vehicle Directive (ELV) and
Annex II (ELV II)
• 2011/65/EU
Restriction
of
the
Use
of
Hazardous
Substances
Directive
(RoHS)
with
amendment
2015/863/EU
• 2012/19/EU Waste Electrical and Electronic Equipment
Directive (WEEE)
Vishay pursues the elimination of conflict minerals from its
supply
chain,
see
the
Conflict
Minerals
Policy
at
www.vishay.com/doc?49037.
APPROVALS
The resistors are qualified according to AEC-Q200.
Where applicable, the resistors are tested in accordance
with
EN 140401-802
which
refers
to
EN 60115-1,
EN 60115-8
and
the
variety
of
environmental
test
procedures of the IEC 60068 (1) series.
RELATED PRODUCTS
D/CRCW e3 series is not designed for sulfur-containing
environment
applications.
For
ordering
D/CRCW
e3
products please refer to latest edition of datasheet:
www.vishay.com/doc?20035.
For products with sulfur resistance, superior surge and
pulse performance, please refer to datasheet:
RCA-IF e3, Pulse Proof Thick Film Chip Resistors
www.vishay.com/doc?20059.
For products with sulfur resistance and high power rating,
please refer to datasheet:
RCA-HP e3, Pulse Proof High Power Thick Film Chip
Resistors
www.vishay.com/doc?20065.
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
(2) The IEC 62474 list of declarable substances is maintained in a dedicated database, which is available at http://std.iec.ch/iec62474
(3) The Global Automotive Declarable Substance List (GADSL) is maintained by the American Chemistry Council and available at www.gadsl.org
(4) The SVHC list is maintained by the European Chemical Agency (ECHA) and available at http://echa.europa.eu/candidate-list-table



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com