Electronic Components Datasheet Search
  English  ▼

X  

RCAE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCAE3
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCAE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  RCAE3 Datasheet HTML 1Page - Vishay Siliconix RCAE3 Datasheet HTML 2Page - Vishay Siliconix RCAE3 Datasheet HTML 3Page - Vishay Siliconix RCAE3 Datasheet HTML 4Page - Vishay Siliconix RCAE3 Datasheet HTML 5Page - Vishay Siliconix RCAE3 Datasheet HTML 6Page - Vishay Siliconix RCAE3 Datasheet HTML 7Page - Vishay Siliconix RCAE3 Datasheet HTML 8Page - Vishay Siliconix RCAE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 04-Jul-2022
1
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Sulfur Resistant Thick Film Chip Resistors
LINKS TO ADDITIONAL RESOURCES
The sulfur resistant, thick film chip resistors series is the
perfect choice for most fields of harsh environment
electronics operation, where reliability and stability are of
major concern. Typical applications include automotive,
ADAS, industrial, and commercial applications which
operate in harsh environment.
FEATURES
• Superior resistance against sulfur containing
atmosphere, according to ASTM B809-95
• Stability at different environmental conditions
ΔR/R ≤ 1 % (1000 h rated power at 70 °C)
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
•ADAS
• Industrial
• Commercial
Note
(1) Please refer to APPLICATION INFORMATION below
APPLICATION INFORMATION
When the resistor dissipates power, a temperature rise above the ambient temperature occurs, dependent on the thermal
resistance of the assembled resistor together with the printed circuit board. The rated dissipation applies only if the permitted
film temperature is not exceeded.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime.
333
DDD3 D
3D Models
TECHNICAL SPECIFICATIONS
DESCRIPTION
RCA0402
e3
RCA0603
e3
RCA0805
e3
RCA1206
e3
RCA1210
e3
RCA1218
e3
RCA2010
e3
RCA2512
e3
Imperial size
0402
0603
0805
1206
1210
1218
2010
2512
Metric size code
RR1005M
RR1608M
RR2012M
RR3216M
RR3225M
RR3246M
RR5025M
RR6332M
Resistance range
1
Ω to 10 MΩ; jumper (0 Ω)
1
Ω to 2.2 MΩ;
jumper (0
Ω)
1
Ω to 10 MΩ;
jumper (0
Ω)
Resistance tolerance
± 5 %; ± 1 %; ± 0.5 %
Temperature coefficient
± 200 ppm/K; ± 100 ppm/K; ± 50 ppm/K
Rated dissipation,
P70 (1)
0.063 W
0.10 W
0.125 W
0.25 W
0.5 W
1.0 W
0.75 W
1.0 W
Operating voltage,
Umax. ACRMS/DC
50 V
75 V
150 V
200 V
200 V
200 V
400 V
500 V
Permissible film temperature,
ϑF max. (1)
155 °C
Operating temperature range
-55 °C to +155 °C
Maximum resistance change
at
P70 for resistance range,
|
ΔR/R| after:
1000 h
≤ 1.0 %
Permissible voltage against
ambient (insulation):
1 min,
Uins
75 V
100 V
200 V
300 V
300 V
300 V
300 V
300 V
Failure rate: FITobserved
≤ 0.1 x 10-9/h


Similar Part No. - RCAE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3 Datasheet
81Kb / 6P
Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
08-Apr-14
More results

Similar Description - RCAE3

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
Sulfur Resistant Thick Film Chip Resistors
NRCS NIC-NRCS Datasheet
112Kb / 4P
Sulfur Resistant Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CAY10-AS BOURNS-CAY10-AS Datasheet
582Kb / 3P
Sulfur-Resistant Thick Film Chip Arrays
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCA-LSE3 VISHAY-RCA-LSE3 Datasheet
155Kb / 10P
Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
14-Jun-2021
RCA-IFE3 VISHAY-RCA-IFE3 Datasheet
135Kb / 10P
Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
14-Sep-16
RCA-AUE4 VISHAY-RCA-AUE4 Datasheet
122Kb / 8P
Sulfur Resistant, Gold Terminated Thick Film Chip Resistors for Conductive Gluing
01-Dec-15
RCA-IFE3 VISHAY-RCA-IFE3_V01 Datasheet
132Kb / 10P
Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
04-Jul-2022
RCA-LSE3 VISHAY-RCA-LSE3_V01 Datasheet
155Kb / 10P
Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
14-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com