Electronic Components Datasheet Search
  English  ▼

X  

RCAE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # RCAE3
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCAE3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button RCAE3 Datasheet HTML 2Page - Vishay Siliconix RCAE3 Datasheet HTML 3Page - Vishay Siliconix RCAE3 Datasheet HTML 4Page - Vishay Siliconix RCAE3 Datasheet HTML 5Page - Vishay Siliconix RCAE3 Datasheet HTML 6Page - Vishay Siliconix RCAE3 Datasheet HTML 7Page - Vishay Siliconix RCAE3 Datasheet HTML 8Page - Vishay Siliconix RCAE3 Datasheet HTML 9Page - Vishay Siliconix RCAE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 04-Jul-2022
7
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS AND REQUIREMENTS
All executed tests are carried out in accordance with the
following specifications:
EN 60115-1, generic specification
EN 60115-8 (successor of EN 140400), sectional
specification
EN 140401-802, detail specification
IEC 60068-2-xx, test methods
The parameters stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-802. The table presents only
the most important tests, for the full test schedule refer to
the documents listed above. However, some additional
tests and a number of improvements against those
minimum requirements have been included.
The testing also covers most of the requirements specified
by EIA/IS-703 and JIS-C-5201-1.
The tests are carried out under standard atmospheric
conditions in accordance with IEC 60068-1, 4.3, whereupon
the following values are applied:
Temperature: 15 °C to 35 °C
Relative humidity: 25 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
A climatic category LCT / UCT / 56 is applied, defined by the
lower category temperature (LCT), the upper category
temperature (UCT), and the duration of exposure in the
damp heat, steady state test (56 days).
The components are mounted for testing on boards in
accordance
with
EN 60115-8, 2.4.2
unless
otherwise
specified.
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
SIZE 0402
SIZE 0603 TO 2512
Stability for product types:
STABILITY CLASS 2 OR BETTER
RCA e3
1
Ω to 10 MΩ
4.5
-
Resistance
-
± 5 %; ± 1 %; ± 0.5 %
4.8
-
Temperature
coefficient
(20 / -55 / 20) °C and
(20 / 155 / 20) °C
± 200 ppm/K; ± 100 ppm/K; ± 50 ppm/K
4.25.1
-
Endurance at 70 °C
U =
≤ Umax.;
1.5 h on; 0.5 h off
70 °C; 1000 h
± (1 %
R + 0.05 Ω)± (0.5 % R + 0.05 Ω)
4.25.3
-
Endurance at upper
category temperature
155 °C, 1000 h
± (0.5 %
R + 0.05 Ω)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C;
(93 ± 3) % RH;
56 days;
± (1 %
R + 0.05 Ω)± (0.5 % R + 0.05 Ω)
4.37
67 (Cy)
Damp heat, steady
state, accelerated
(85 ± 2) °C; (85 ± 5) % RH;
U =
;
U ≤ 100 V;
1000 h
± (1 %
R + 0.05 Ω)
4.23
-
Climatic sequence:
-
± (1 %
R + 0.05 Ω)
4.23.2
2 (Ba)
Dry heat
125 °C; 16 h
4.23.3
30 (Db)
Damp heat, cyclic
55 °C;
≥ 90 % RH; 24 h; 1 cycle
4.23.4
1 (Ab)
Cold
-55 °C; 2 h
4.23.5
13 (M)
Low air pressure
1 kPa; 1 h; (25 ± 10) °C
55 °C; > 90 % RH
4.23.6
30 (Db)
Damp heat, cyclic
24 h; 5 cycles
4.23.7
-
DC load
U =
≤ Umax.; 1 min;
-
1 (Aa)
Cold
-55 °C; 2 h
± (0.25 %
R + 0.05 Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at -55 °C and 30 min at 125 °C;
1000 cycles
± (1 %
R + 0.05 Ω)
4.13
-
Short time overload
U = 2.5 x
≤ 2 x Umax.;
whichever is the less severe; 5 s
± (2 %
R + 0.05 Ω)
4.27
-
Single pulse high
voltage overload
10 μs/700 μs
Severity no. 4:
U = 10 x
or
U ≤ 2 x Umax.;
whichever is the less severe
10 pulses 10 μs / 700 μs
± (1 %
R + 0.05 Ω)
P
70 x R
0.1 x P
85 x R
P
70 x R
P
70 x R
P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com