Electronic Components Datasheet Search
  English  ▼

X  

RCAE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # RCAE3
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCAE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  RCAE3 Datasheet HTML 1Page - Vishay Siliconix RCAE3 Datasheet HTML 2Page - Vishay Siliconix RCAE3 Datasheet HTML 3Page - Vishay Siliconix RCAE3 Datasheet HTML 4Page - Vishay Siliconix RCAE3 Datasheet HTML 5Page - Vishay Siliconix RCAE3 Datasheet HTML 6Page - Vishay Siliconix RCAE3 Datasheet HTML 7Page - Vishay Siliconix RCAE3 Datasheet HTML 8Page - Vishay Siliconix RCAE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 04-Jul-2022
5
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Single Pulse
Maximum pulse load, single pulse; applicable if
P → 0 and n < 1000 and
=
max.;
for permissible resistance change equivalent to 8000 h operation
Continuous Pulse
Maximum pulse load, continuous pulses; applicable if
P ≤ P (
ϑamb) and
=
max.;
for permissible resistance change equivalent to 8000 h operation
PERFORMANCE IN SULFUR-CONTAINING AMBIANCE
TEST NAME
HUMID SULFUR VAPOR TEST
HUMID SULFUR VAPOR TEST
(Accelerated)
Reference specification
ASTM B809-95
ASTM B809-95
accelerated conditions
Test conditions
(temperature, humidity)
60 °C ± 2 °C
85 % ± 4 % RH
90 °C ± 2 °C
74 % ± 7 % RH
Aggressive agent
Sulfur (saturated vapor)
Sulfur (saturated vapor)
Failure criteria in VI under magnification
No silver sulfide growth at the interface
between termination and protective overcoat.
No signs of mechanical damage.
No silver sulfide growth at the interface
between termination and protective overcoat.
No signs of mechanical damage.
Failure criteria in electrical test
≤ (± 1 % R + 0.05 Ω)
≤ (± 1 % R + 0.05 Ω)
Time before failure
8000 h
1000 h
10
100
1000
10000
0.01
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Axis Title
t
i - Pulse Duration (s)
RCA2512
RCA1218
RCA2010
RCA1210
RCA1206
RCA0805
RCA0603
RCA0402
Uˆ
Uˆ
10
100
1000
10000
0.01
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Axis Title
t
i - Pulse Duration (s)
RCA2512
RCA1218
RCA2010
RCA1210
RCA1206
RCA0805
RCA0603
RCA0402
Uˆ
Uˆ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com