Electronic Components Datasheet Search
  English  ▼

X  

RCAE3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # RCAE3
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCAE3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button RCAE3 Datasheet HTML 2Page - Vishay Siliconix RCAE3 Datasheet HTML 3Page - Vishay Siliconix RCAE3 Datasheet HTML 4Page - Vishay Siliconix RCAE3 Datasheet HTML 5Page - Vishay Siliconix RCAE3 Datasheet HTML 6Page - Vishay Siliconix RCAE3 Datasheet HTML 7Page - Vishay Siliconix RCAE3 Datasheet HTML 8Page - Vishay Siliconix RCAE3 Datasheet HTML 9Page - Vishay Siliconix RCAE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 04-Jul-2022
8
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
(2) This test is new with the 4th edition of IEC 60115-1 and with this European standard, and adopts the prior test of EN 60115-1+A11:2007.4.40
4.39
-
Periodic electric
overload
U =
≤ 2 x Umax.;
whichever is the less severe;
0.1 s on; 2.5 s off; 1000 cycles
± (1 %
R + 0.05 Ω)
4.38
-
Electrostatic
discharge
(human body model)
IEC 61340-3-1 (1)(2);
3 pos. + 3 neg. discharges;
ESD voltage according to the size
± (1 %
R + 0.05 Ω)
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
≤ 1.5 mm or ≤ 200 m/s2;
7.5 h
± (0.25 %
R + 0.05 Ω)
4.17
58 (Td)
Solderability
Solder bath method;
Sn60Pb40
non-activated flux; (235 ± 5) °C;
(2 ± 0.2) s
Good tinning (
≥ 95 % covered)
no visible damage
Solder bath method;
Sn96.5Ag3Cu0.5 or Sn99.3Cu0.7
non-activated flux;
(245 ± 5) °C or (250 ± 5) °C
(3 ± 0.3) s
4.18
58 (Td)
Resistance to
soldering heat
Solder bath method
(260 ± 5) °C;
(10 ± 1) s
± (0.25 %
R + 0.05 Ω)
4.29
45 (XA)
Component solvent
resistance
Isopropyl alcohol;
+50 °C; method 2
No visible damage
4.32
21 (Uu3)
Shear
(adhesion)
RCA0402 and RCA0603: 9 N
RCA0805 to RCA2512: 17.7 N
No visible damage
4.33
21 (Uu1)
Substrate bending
Depth 2 mm;
3 times
± (0.25 %
R + 0.05 Ω)
no visible damage,
no open circuit in bent position
4.7
-
Voltage proof
U = 1.4 x Uins; 60 s
No flashover or breakdown
4.35
-
Flammability,
needle flame test
IEC 60695-11-5 (1);
10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
SIZE 0402
SIZE 0603 TO 2512
Stability for product types:
STABILITY CLASS 2 OR BETTER
RCA e3
1
Ω to 10 MΩ
15 x P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com