Electronic Components Datasheet Search
  English  ▼

X  

RCAE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCAE3
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCAE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCAE3 Datasheet HTML 1Page - Vishay Siliconix RCAE3 Datasheet HTML 2Page - Vishay Siliconix RCAE3 Datasheet HTML 3Page - Vishay Siliconix RCAE3 Datasheet HTML 4Page - Vishay Siliconix RCAE3 Datasheet HTML 5Page - Vishay Siliconix RCAE3 Datasheet HTML 6Page - Vishay Siliconix RCAE3 Datasheet HTML 7Page - Vishay Siliconix RCAE3 Datasheet HTML 8Page - Vishay Siliconix RCAE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 04-Jul-2022
2
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The temperature coefficient of resistance (TCR) is not specified for 0
Ω jumpers
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
RCA0402 e3
± 200 ppm/K
± 5 %
1.0
Ω to 10 MΩ
E24
± 200 ppm/K
± 1 %
1.0
Ω to 9.76 Ω
E24; E96
± 100 ppm/K
± 1 %
10
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
10
Ω to 1.0 MΩ
E24; E96
± 50 ppm/K
± 0.5 %; ± 1 %
100
Ω to 1.0 MΩ
E24; E96
Jumper,
Imax. = 1.5 A
≤ 20 mΩ
0
Ω
-
RCA0603 e3
± 200 ppm/K
± 5 %
1.0
Ω to 10 MΩ
E24
± 100 ppm/K
± 1 %
1.0
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
10
Ω to 10 MΩ
E24; E96
± 50 ppm/K
± 0.5 %; ± 1 %
100
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 2.0 A
≤ 20 mΩ
0
Ω
-
RCA0805 e3
± 200 ppm/K
± 5 %
1.0
Ω to 10 MΩ
E24
± 100 ppm/K
± 1 %
1.0
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
10
Ω to 10 MΩ
E24; E96
± 50 ppm/K
± 0.5 %; ± 1 %
100
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 2.5 A
≤ 20 mΩ
0
Ω
-
RCA1206 e3
± 200 ppm/K
± 5 %
1.0
Ω to 10 MΩ
E24
± 100 ppm/K
± 1 %
1.0
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
10
Ω to 10 MΩ
E24; E96
± 50 ppm/K
± 0.5 %; ± 1 %
100
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 3.5 A
≤ 20 mΩ
0
Ω
-
RCA1210 e3
± 200 ppm/K
± 5 %
1.0
Ω to 10 MΩ
E24
± 100 ppm/K
± 1 %
1.0
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
10
Ω to 1.0 MΩ
E24; E96
± 50 ppm/K
± 0.5 %; ± 1 %
100
Ω to 1.0 MΩ
E24; E96
Jumper,
Imax. = 5.0 A
≤ 20 mΩ
0
Ω
-
RCA1218 e3
± 200 ppm/K
± 5 %
1.0
Ω to 2.2 MΩ
E24
± 100 ppm/K
± 1 %
1.0
Ω to 2.2 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
100
Ω to 2.2 MΩ
E24; E96
± 50 ppm/K
± 0.5 %; ± 1 %
100
Ω to 2.2 MΩ
E24; E96
Jumper,
Imax. = 7.0 A
≤ 20 mΩ
0
Ω
-
RCA2010 e3
± 200 ppm/K
± 5 %
1.0
Ω to 10 MΩ
E24
± 100 ppm/K
± 1 %
1.0
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
10
Ω to 10 MΩ
E24; E96
± 50 ppm/K
± 0.5 %; ± 1 %
100
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 6.0 A
≤ 20 mΩ
0
Ω
-
RCA2512 e3
± 200 ppm/K
± 5 %
1.0
Ω to 10 MΩ
E24
± 100 ppm/K
± 1 %
1.0
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
10
Ω to 10 MΩ
E24; E96
± 50 ppm/K
± 0.5 %; ± 1 %
100
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 7.0 A
≤ 20 mΩ
0
Ω
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com