Electronic Components Datasheet Search
  English  ▼

X  

RCAE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCAE3
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCAE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  RCAE3 Datasheet HTML 1Page - Vishay Siliconix RCAE3 Datasheet HTML 2Page - Vishay Siliconix RCAE3 Datasheet HTML 3Page - Vishay Siliconix RCAE3 Datasheet HTML 4Page - Vishay Siliconix RCAE3 Datasheet HTML 5Page - Vishay Siliconix RCAE3 Datasheet HTML 6Page - Vishay Siliconix RCAE3 Datasheet HTML 7Page - Vishay Siliconix RCAE3 Datasheet HTML 8Page - Vishay Siliconix RCAE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 04-Jul-2022
3
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
RCA0402 e3
ED = ET7
10 000
Paper tape according to
IEC 60286-3, type 1a
8 mm
2 mm
Ø 180 mm / 7"
EC = ET6
20 000
Ø 285 mm / 11.25"
EE = EF4
50 000
Ø 330 mm / 13"
RCA0603 e3
EA = ET1
5000
8 mm
4 mm
Ø 180 mm / 7"
EB = ET5
10 000
Ø 285 mm / 11.25"
EC = ET6
20 000
Ø 330 mm / 13"
RCA0805 e3
EA = ET1
5000
8 mm
4 mm
Ø 180 mm / 7"
EB = ET5
10 000
Ø 285 mm / 11.25"
EC = ET6
20 000
Ø 330 mm / 13"
RCA1206 e3
EA = ET1
5000
8 mm
4 mm
Ø 180 mm / 7"
EB = ET5
10 000
Ø 285 mm / 11.25"
EC = ET6
20 000
Ø 330 mm / 13"
RCA1210 e3
EA = ET1
5000
8 mm
4 mm
Ø 180 mm / 7"
EB = ET5
10 000
Ø 285 mm / 11.25"
EC = ET6
20 000
Ø 330 mm / 13"
RCA1218 e3
EK = ET9
4000
Blister tape according to
IEC 60286-3, type 2a
12 mm
4 mm
Ø 180 mm / 7"
RCA2010 e3
EF = E02
4000
12 mm
4 mm
Ø 180 mm / 7"
RCA2512 e3
EG = E67
2000
12 mm
8 mm
Ø 180 mm / 7"
EH = E82
4000
4 mm
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: RCA080510K0FKEA
Part Number: RCA08050000ZSEC
TYPE / SIZE
VALUE
TOLERANCE
TCR
PACKAGING
RCA0402
RCA0603
RCA0805
RCA1206
RCA1210
RCA1218
RCA2010
RCA2512
R = decimal
K = thousand
M = million
0000 = 0
Ω jumper
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
Z = jumper
H = ± 50 ppm/K
K = ± 100 ppm/K
N = ± 200 ppm/K
S = jumper
EA, EB, EC, ED, EE,
EF, EG, EH, EK
Product Description: RCA0805 100 10K 1 % ET1 e3
Product Description: RCA0805 0R0 ET6 e3
RCA0805
100
10K
1 %
ET1
e3
TYPE / SIZE
TCR
RESISTANCE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
RCA0402
RCA0603
RCA0805
RCA1206
RCA1210
RCA1218
RCA2010
RCA2512
± 50 ppm/K
± 100 ppm/K
± 200 ppm/K
10R = 10
Ω
10K = 10 k
Ω
1M = 1 M
Ω
0R0 = jumper
± 0.5 %
± 1 %
± 5 %
ET1, ET5, ET6,
ET7, EF4, E02,
E67, E82, ET9
e3 = pure tin
termination finish
R
C
A
0
8
0
5
1
0
K
0
F
K
E
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com