Electronic Components Datasheet Search
  English  ▼

X  

ADM2483 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM2483
Description  Half-Duplex iCoupler-R Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM2483 Datasheet HTML 2Page - Analog Devices ADM2483 Datasheet HTML 3Page - Analog Devices ADM2483 Datasheet HTML 4Page - Analog Devices ADM2483 Datasheet HTML 5Page - Analog Devices ADM2483 Datasheet HTML 6Page - Analog Devices ADM2483 Datasheet HTML 7Page - Analog Devices ADM2483 Datasheet HTML 8Page - Analog Devices ADM2483 Datasheet HTML 9Page - Analog Devices ADM2483 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM2483
Rev. 0 | Page 6 of 20
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input − Output)1
RI-O
101, 2
Ω
Capacitance (Input − Output)1
CI-O
3
pF
f = 1 MHz
Input Capacitance2
CI
4
pF
Input IC Junction-to-Case Thermal
Resistance
θJCI
33
°C/W
Thermocouple located at center of package
underside
Output IC Junction-to-Case Thermal
Resistance
θJCO
28
°C/W
Thermocouple located at center of package
underside
1 Device considered a two-terminal device: Pins 1, 2, 3, 4, 5, 6, 7, and 8 shorted together, and Pins 9, 10, 11, 12, 13, 14, 15, and 16 shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADM2483 has been approved by the following organizations:
Table 5.
UL1
CSA
VDE2
Recognized under 1577 component
recognition program
Approved under CSA Component
Acceptance Notice #5A
Approved according to DIN EN 60747-5-2
(VDE 0884 Rev. 2): 2002-04
DIN EN 60950 (VDE 0805): 2001-12;
EN 60950: 2000
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL1577, each ADM2483 is proof-tested by applying an insulation test voltage
≥ 3000 Vrms for 1 s (current leakage detection limit = 5 µA).
2 In accordance with VDE 0884, each ADM2483 is proof-tested by applying an insulation test voltage
≥ 1050 V
PEAK
for 1 s (partial discharge detection limit = 5 pC).
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
VRMS
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
8.40 min
mm
Measured from input terminals to output
terminals, shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
8.1 min
mm
Measured from input terminals to output
terminals, shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (Table 1 in DIN VDE 0110,1/89)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com