Electronic Components Datasheet Search
  English  ▼

X  

ADM2483 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2483
Description  Half-Duplex iCoupler-R Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483 Datasheet(HTML) 1 Page - Analog Devices

  ADM2483 Datasheet HTML 1Page - Analog Devices ADM2483 Datasheet HTML 2Page - Analog Devices ADM2483 Datasheet HTML 3Page - Analog Devices ADM2483 Datasheet HTML 4Page - Analog Devices ADM2483 Datasheet HTML 5Page - Analog Devices ADM2483 Datasheet HTML 6Page - Analog Devices ADM2483 Datasheet HTML 7Page - Analog Devices ADM2483 Datasheet HTML 8Page - Analog Devices ADM2483 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Half-Duplex iCoupler
®
Isolated RS-485 Transceiver
ADM2483
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
RS-485 transceiver with electrical data isolation
Complies with ANSI TIA/EIA RS-485-A-1998 and
ISO 8482:1987(E)
500 kbps data rate
Slew rate–limited driver outputs
Low power operation: 2.5 mA max
Suitable for 5 V or 3 V operation (VDD1)
High common-mode transient immunity: >25 kV/μs
True fail-safe receiver inputs
Glitch-free power-up/-down protection
256 nodes on bus
Thermal shutdown protection
Safety and regulatory approvals:
UL recognition: 2500 VRMS for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE Certificate of Conformity
DIN EN 60747-5-2 (VDE 0884 Rev. 2): 2003-01
DIN EN 60950 (VDE 0805): 2001-12; EN 60950: 2000
VIORM = 560 V peak
Operating temperature range: −40°C to +85°C
APPLICATIONS
Low power RS-485/RS-422 networks
Isolated interfaces
Building control networks
Multipoint data transmission systems
FUNCTIONAL BLOCK DIAGRAM
DE
VDD1
GND1
GND2
VDD2
TxD
POWER_VALID
RxD
RE
A
B
ADM2483
Figure 1.
GENERAL DESCRIPTION
The ADM2483 differential bus transceiver is an integrated,
galvanically isolated component designed for bidirectional data
communication on balanced, multipoint bus transmission lines.
It complies with ANSI TIA/EIA RS-485-A and ISO
8482:1987(E). Using Analog Devices’ iCoupler
® technology, the
ADM2483 combines a 3-channel isolator, a 3-state differential
line driver, and a differential input receiver into a single
package. The logic side of the device is powered with either a
5 V or 3 V supply, while the bus side uses a 5 V supply only.
The ADM2483 is slew-limited to reduce reflections with
improperly terminated transmission lines. The controlled slew
rate limits the data rate to 500 kbps. The device’s input
impedance is 96 kΩ, allowing up to 256 transceivers on the bus.
Its driver has an active-high enable. The driver differential
outputs and receiver differential inputs are connected internally
to form a differential I/O port. When the driver is disabled or
when VDD1 or VDD2 = 0, this imposes minimal loading on the
bus. An active-high receiver disable, which causes the receive
output to enter a high impedance state, is provided as well.
The receiver inputs have a true fail-safe feature that ensures a
logic-high receiver output level when the inputs are open or
shorted. This guarantees that the receiver outputs are in a
known state before communication begins and at the point
when communication ends.
Current limiting and thermal shutdown features protect against
output short circuits and bus contention situations that might
cause excessive power dissipation. The part is fully specified
over the industrial temperature range and is available in a
16-lead wide body SOIC package.


Similar Part No. - ADM2483

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM2483 AD-ADM2483 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRW AD-ADM2483BRW Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRW-REEL AD-ADM2483BRW-REEL Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
More results

Similar Description - ADM2483

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
3/05-Rev. B to Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com