Electronic Components Datasheet Search
  English  ▼

X  

ADM2483 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM2483
Description  Half-Duplex iCoupler-R Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM2483 Datasheet HTML 3Page - Analog Devices ADM2483 Datasheet HTML 4Page - Analog Devices ADM2483 Datasheet HTML 5Page - Analog Devices ADM2483 Datasheet HTML 6Page - Analog Devices ADM2483 Datasheet HTML 7Page - Analog Devices ADM2483 Datasheet HTML 8Page - Analog Devices ADM2483 Datasheet HTML 9Page - Analog Devices ADM2483 Datasheet HTML 10Page - Analog Devices ADM2483 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADM2483
Rev. 0 | Page 7 of 20
VDE 0884 INSULATION CHARACTERISTICS1, 2
Table 7.
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110 for rated mains voltage
≤ 150 Vrms
I to IV
≤ 300 Vrms
I to III
≤ 400 Vrms
I to II
Climatic classification
40/85/21
Pollution degree (Table 1 in DIN VDE 0110)
2
Maximum working insulation voltage
VIORM
560
VPEAK
Input to output test voltage, method b1
VPR
1050
VPEAK
VIORM × 1.875 = VPR, 100% production tested
tm = 1s, partial discharge <5 pC
Input to output test voltage, method a
(After environmental tests, subgroup 1)
VIORM × 1.6 = VPR, tm = 60 s, partial discharge <5 pC
896
VPEAK
(After input and/or safety test, subgroup 2/3)
VIORM × 1.2 = VPR, tm = 60 s, partial discharge <5 pC
VPR
672
VPEAK
Highest allowable overvoltage
(Transient overvoltage, tTR = 10 s)
VTR
4000
VPEAK
Safety-limiting values (Maximum value allowed in the event of a failure. See thermal
derating curve, Figure 24.)
Case temperature
TS
150
°C
Input current
IS, INPUT
265
mA
Output current
IS,OUTPUT
335
mA
Insulation resistance at TS, VIO = 500 V
RS
>109
Ω
1 Suitable for basic electrical isolation only within this safety limit data. Maintenance of this safety data shall be ensured by means of protective circuits.
2 An asterisk (*) on the physical package denotes VDE 0884 approval for 560 V peak working voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com