Electronic Components Datasheet Search
  English  ▼

X  

ADM2483 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM2483
Description  Half-Duplex iCoupler-R Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM2483 Datasheet HTML 5Page - Analog Devices ADM2483 Datasheet HTML 6Page - Analog Devices ADM2483 Datasheet HTML 7Page - Analog Devices ADM2483 Datasheet HTML 8Page - Analog Devices ADM2483 Datasheet HTML 9Page - Analog Devices ADM2483 Datasheet HTML 10Page - Analog Devices ADM2483 Datasheet HTML 11Page - Analog Devices ADM2483 Datasheet HTML 12Page - Analog Devices ADM2483 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM2483
Rev. 0 | Page 9 of 20
TEST CIRCUITS
VOD
VOC
R
R
Figure 3. Driver Voltage Measurement
VOD3
375
Ω
375
Ω
60
Ω
VTST
Figure 4. Driver Voltage Measurement
A
B
RLDIFF
CL1
CL2
Figure 5. Driver Propagation Delay
A
S1
RL
0V OR 3V
B
DE IN
DE
S2
VCC
CL
VOUT
Figure 6. Driver Enable/Disable
A
B
VOUT
CL
RE
Figure 7. Receiver Propagation Delay
CL
VOUT
RL
S2
VCC
+1.5V
S1
–1.5V
RE IN
RE
Figure 8. Receiver Enable/Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com