Electronic Components Datasheet Search
  English  ▼

X  

ADM2483 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM2483
Description  Half-Duplex iCoupler-R Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM2483 Datasheet HTML 12Page - Analog Devices ADM2483 Datasheet HTML 13Page - Analog Devices ADM2483 Datasheet HTML 14Page - Analog Devices ADM2483 Datasheet HTML 15Page - Analog Devices ADM2483 Datasheet HTML 16Page - Analog Devices ADM2483 Datasheet HTML 17Page - Analog Devices ADM2483 Datasheet HTML 18Page - Analog Devices ADM2483 Datasheet HTML 19Page - Analog Devices ADM2483 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADM2483
Rev. 0 | Page 16 of 20
100
10
1
0.1
0.01
0.001
1k
10k
100k
1M
10M
100M
MAGNETIC FIELD FREQUENCY (Hz)
Figure 27. Maximum Allowable External Magnetic Flux Density
For example, at a magnetic field frequency of 1 MHz, the
maximum allowable magnetic field of 0.2 kGauss induces a
voltage of 0.25 V at the receiving coil. This is about 50% of the
sensing threshold and does not cause a faulty output transition.
Similarly, if such an event occurred during a transmitted pulse
and was of the worst-case polarity, it would reduce the received
pulse from >1.0 V to 0.75 V. This would be well above the 0.5 V
sensing threshold of the decoder.
As a convenience to the user, these magnetic flux density values
are shown in Figure 28, using more familiar quantities such as
maximum allowable current flow, at given distances away from
the ADM2483 transformers.
1000
100
0.1
1
10
0.01
1k
10k
100k
1M
10M
100M
MAGNETIC FIELD FREQUENCY (Hz)
DISTANCE = 1m
DISTANCE = 5mm
DISTANCE = 100mm
Figure 28. Maximum Allowable Current for Various
Current-to-ADM2483 Spacings
Note that at combinations of strong magnetic field and high
frequency, any loops formed by printed circuit board traces
could induce large enough error voltages to trigger the
thresholds of succeeding circuitry. To avoid this possibility, be
careful in the layout of such traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com