Electronic Components Datasheet Search
  English  ▼

X  

ADM2483 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM2483
Description  Half-Duplex iCoupler-R Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM2483 Datasheet HTML 10Page - Analog Devices ADM2483 Datasheet HTML 11Page - Analog Devices ADM2483 Datasheet HTML 12Page - Analog Devices ADM2483 Datasheet HTML 13Page - Analog Devices ADM2483 Datasheet HTML 14Page - Analog Devices ADM2483 Datasheet HTML 15Page - Analog Devices ADM2483 Datasheet HTML 16Page - Analog Devices ADM2483 Datasheet HTML 17Page - Analog Devices ADM2483 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADM2483
Rev. 0 | Page 14 of 20
CIRCUIT DESCRIPTION
ELECTRICAL ISOLATION
In the ADM2483, electrical isolation is implemented on the
logic side of the interface. Therefore, the part has two main
sections: a digital isolation section and a transceiver section (see
Figure 19). Driver input and data enable signals, applied to the
TxD and DE pins respectively, and referenced to logic ground
(GND1), are coupled across an isolation barrier to appear at the
transceiver section referenced to isolated ground (GND2).
Similarly, the receiver output, referenced to isolated ground in
the transceiver section, is coupled across the isolation barrier to
appear at the RxD pin referenced to logic ground.
iCoupler Technology
The digital signals are transmitted across the isolation barrier
using iCoupler technology. This technique uses chip scale
transformer windings to couple the digital signals magnetically
from one side of the barrier to the other. Digital inputs are
encoded into waveforms that are capable of exciting the
primary transformer winding. At the secondary winding, the
induced waveforms are then decoded into the binary value that
was originally transmitted.
RE
TxD
DECODE
ENCODE
DE
DECODE
ENCODE
RxD
DECODE
ENCODE
ISOLATION
BARRIER
DIGITAL ISOLATION
TRANSCEIVER
D
R
A
VDD1
VDD2
GND1
GND2
B
Figure 26. ADM2483 Digital Isolation and Transceiver Sections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com