Electronic Components Datasheet Search
  English  ▼

X  

ADM2483 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM2483
Description  Half-Duplex iCoupler-R Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM2483 Datasheet HTML 12Page - Analog Devices ADM2483 Datasheet HTML 13Page - Analog Devices ADM2483 Datasheet HTML 14Page - Analog Devices ADM2483 Datasheet HTML 15Page - Analog Devices ADM2483 Datasheet HTML 16Page - Analog Devices ADM2483 Datasheet HTML 17Page - Analog Devices ADM2483 Datasheet HTML 18Page - Analog Devices ADM2483 Datasheet HTML 19Page - Analog Devices ADM2483 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADM2483
Rev. 0 | Page 17 of 20
APPLICATIONS INFORMATION
POWER_VALID INPUT
To avoid glitches on outputs A and B caused by slow power-up
and power-down transients on VDD1 (>100 µs/V), the ADM2483
features a power_valid (PV) digital input. This pin should be
driven low until VDD1 exceeds 2.0 V. When VDD1 is greater than
2.0 V, the pin should be driven high. Conversely, upon power-
down, the PV should be driven low before VDD1 reaches 2.0 V.
The power_valid input can be driven, for example, by the
output of a system reset circuit such as the ADM809Z, which
has a threshold voltage of 2.32 V.
VDD1
2.32V
tPOR
2.0V
2.32V
2.0V
RESET
RESET
ADM809Z
ADM2483
VDD1
PV
GND1
VDD1
Figure 29. Driving PV with ADM809Z
ISOLATED POWER SUPPLY CIRCUIT
The ADM2483 requires isolated power capable of 5 V at 100 mA,
to be supplied between VDD2 and GND2 pins. If no suitable
integrated power supply is available, then a discrete circuit, such
as the one in Figure 25, can be used. A center tapped transformer
provides electrical isolation. The primary winding is excited
with a pair of square waveforms that are 180° out of phase with
each other. A pair of Schottky diodes and a smoothing capacitor
are used to create a rectified signal from the secondary winding.
The ADP667 linear voltage regulator provides a regulated
power supply to the ADM2483’s bus-side circuitry.
To create the pair of square waves, a D-type flip-flop with
complementary Q/Q outputs is used. The flip-flop can be
connected so that output Q follows the clock input signal. If no
local clock signal is available, then a simple digital oscillator
may be implemented with a hex inverting Schmitt trigger and
resistor and capacitor. In this case, values of 3.9 kV and 1 nF
generate a 364 kHz square wave. A pair of discrete NMOS
transistors, switched by the Q/Q flip-flop outputs, conduct
current through the center tap of the primary transformer
winding in an alternating fashion.
3.9k
Ω
100nF
10nF
74HC14
VCC
74HC74A
PR
CLR
DQ
CLK
Q
BS107A
BS107A
VCC
ISOLATION
BARRIER
SD103C
22
µF
SD103C
78253
100nF
VCC
IN
OUT
5V
SET
SHDN
GND
ADP667
VDD1
VDD2
GND1
GND2
ADM2483
VCC
Figure 30. Isolated Power Supply Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com