Electronic Components Datasheet Search
  English  ▼

X  

DAC63202 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC63202
Description  DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC63202 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC63202 Datasheet HTML 28Page - Texas Instruments DAC63202 Datasheet HTML 29Page - Texas Instruments DAC63202 Datasheet HTML 30Page - Texas Instruments DAC63202 Datasheet HTML 31Page - Texas Instruments DAC63202 Datasheet HTML 32Page - Texas Instruments DAC63202 Datasheet HTML 33Page - Texas Instruments DAC63202 Datasheet HTML 34Page - Texas Instruments DAC63202 Datasheet HTML 35Page - Texas Instruments DAC63202 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
7.4.3.2 Programmable Window Comparator
Window comparator mode is enabled by setting the CMP-X-MODE bit to 10b (see also Table 7-2). Figure 7-8
shows that the window bounds are set by the DAC-X-MARGIN-HIGH and the DAC-X-MARGIN-LOW registers.
The output of the window comparator for a given channel is indicated by the respective WIN-CMP-X bit in
the CMP-STATUS register. The comparator output (WIN-CMP-X) can be latched by writing 1 to the WIN-LATCH-
EN bit in the COMMON-CONFIG register. After being latched, the comparator output can be reset using the
corresponding RST-CMP-FLAG-X bit in the COMMON-DAC-TRIG register. For the reset to take effect, the input
must be within the window bounds.
DAC-X-MARGIN-HIGH
DAC-X-MARGIN-LOW
WIN-CMP-X
WIN-CMP-X
FBx/AINx
RST-CMP-FLAG-X
WIN-LATCH-EN = 0
WIN-LATCH-EN = 1
Figure 7-8. Window Comparator Operation
A single comparator is used per channel to check both the margin-high and margin-low limits of the window.
Therefore, the window comparator function has a finite response time (see also Section 6.7). The static behavior
of the WIN-CMP-X bit is not reflected at the output pins. Set the CMP-X-OUT-EN bit to 0. The WIN-CMP-X bit
must be read digitally using the communication interface. This bit can also be mapped to the GPIO pin (see also
Table 7-19).
Note
• The value of the DAC-X-MARGIN-HIGH register must be greater than that of the DAC-X-MARGIN-
LOW register.
• Set the SLEW-RATE-X bit to 0000b (no-slew) and LOG-SLEW-EN-X bit to 0b in the DAC-X-FUNC-
CONFIG register to get the best response time from the window comparator.
• The CMP-X-OUT-EN bit in the DAC-X-VOUT-CMP-CONFIG register can be set to 0b to eliminate
undesired toggling of the OUT pin.
DAC53202, DAC63202
SLASF47 – MAY 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC53202 DAC63202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com