Electronic Components Datasheet Search
  English  ▼

X  

DAC63202 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DAC63202
Description  DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC63202 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DAC63202 Datasheet HTML 48Page - Texas Instruments DAC63202 Datasheet HTML 49Page - Texas Instruments DAC63202 Datasheet HTML 50Page - Texas Instruments DAC63202 Datasheet HTML 51Page - Texas Instruments DAC63202 Datasheet HTML 52Page - Texas Instruments DAC63202 Datasheet HTML 53Page - Texas Instruments DAC63202 Datasheet HTML 54Page - Texas Instruments DAC63202 Datasheet HTML 55Page - Texas Instruments DAC63202 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
7.6 Register Map
Table 7-20. Register Map
REGISTER(1) (2)
MOST SIGNIFICANT DATA BYTE (MSDB)
LEAST SIGNIFICANT DATA BYTE (LSDB)
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
NOP
NOP
DAC-X-MARGIN-
HIGH
DAC-X-MARGIN-HIGH
X
DAC-X-MARGIN-
LOW
DAC-X-MARGIN-LOW
X
DAC-X-VOUT-
CMP-CONFIG
X
VOUT-X-GAIN
X
CMP-X-OD-
EN
CMP-X-
OUT-EN
CMP-X-HIZ-
IN-DIS
CMP-X-INV-
EN
CMP-X-EN
DAC-X-IOUT-MISC-
CONFIG
X
IOUT-X-RANGE
X
DAC-X-CMP-
MODE-CONFIG
X
CMP-X-MODE
X
DAC-X-FUNC-
CONFIG
CLR-SEL-X
SYNC-
CONFIG-X
BRD-
CONFIG-X
FUNC-GEN-CONFIG-BLOCK-X
DAC-X-DATA
DAC-X-DATA
X
COMMON-CONFIG
WIN-
LATCH-EN
DEV-LOCK
EE-READ-
ADDR
EN-INT-REF
VOUT-PDN-0
IOUT-PDN-0
X
VOUT-PDN-1
IOUT-PDN-1
COMMON-
TRIGGER
DEV-UNLOCK
RESET
LDAC
CLR
X
FAULT-
DUMP
PROTECT
READ-ONE-
TRIG
NVM-PROG
NVM-
RELOAD
COMMON-DAC-
TRIG
RST-CMP-
FLAG-1
TRIG-MAR-
LO-1
TRIG-MAR-
HI-1
START-
FUNC-1
X
RST-CMP-
FLAG-0
TRIG-MAR-
LO-0
TRIG-MAR-
HI-0
START-
FUNC-0
GENERAL-STATUS
NVM-CRC-
FAIL-INT
NVM-CRC-
FAIL-USER
X
DAC-
BUSY-0
X
DAC-
BUSY-1
NVM-BUSY
DEVICE-ID
CMP-STATUS
X
PROTECT-
FLAG
WIN-CMP-0
X
WIN-CMP-1
CMP-
FLAG-0
X
CMP-
FLAG-1
GPIO-CONFIG
GF-EN
X
GPO-EN
GPO-CONFIG
GPI-CH-SEL
GPI-CONFIG
GPI-EN
DEVICE-MODE-
CONFIG
RESERVED
DIS-MODE-
IN
RESERVED
PROTECT-CONFIG
RESERVED
X
INTERFACE-
CONFIG
X
TIMEOUT-
EN
X
EN-PMBUS
X
FAST-SDO-
EN
X
SDO-EN
SRAM-CONFIG
X
SRAM-ADDR
SRAM-DATA
SRAM-DATA
BRDCAST-DATA
BRDCAST-DATA
X
PMBUS-PAGE
PMBUS-PAGE
Not applicable
PMBUS-OP-CMD
PMBUS-OPERATION-CMD-X
Not applicable
PMBUS-CML
X
CML
X
Not applicable
PMBUS-VERSION
PMBUS-VERSON
Not applicable
(1)
The highlighted gray cells indicate the register bits or fields that are stored in the NVM.
(2)
X = Don't care.
DAC53202, DAC63202
SLASF47 – MAY 2022
www.ti.com
52
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC53202 DAC63202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com