Electronic Components Datasheet Search
  English  ▼

X  

DAC63202 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DAC63202
Description  DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC63202 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC63202 Datasheet HTML 45Page - Texas Instruments DAC63202 Datasheet HTML 46Page - Texas Instruments DAC63202 Datasheet HTML 47Page - Texas Instruments DAC63202 Datasheet HTML 48Page - Texas Instruments DAC63202 Datasheet HTML 49Page - Texas Instruments DAC63202 Datasheet HTML 50Page - Texas Instruments DAC63202 Datasheet HTML 51Page - Texas Instruments DAC63202 Datasheet HTML 52Page - Texas Instruments DAC63202 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
7.5.2.2.1 Address Byte
Table 7-15 depicts the address byte, the first byte received from the controller device following the start
condition. The first four bits (MSBs) of the address are factory preset to 1001. The next three bits of the address
are controlled by the A0 pin. The A0 pin input can be connected to VDD, AGND, SCL, or SDA. The A0 pin is
sampled during the first byte of each data frame to determine the address. The device latches the value of the
address pin, and consequently responds to that particular address according to Table 7-16.
Table 7-15. Address Byte
COMMENT
MSB
LSB
—
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/W
General address
1
0
0
1
See Table 7-16
(target address column)
0 or 1
Broadcast address
1
0
0
0
1
1
1
0
Table 7-16. Address Format
TARGET ADDRESS
A0 PIN
000
AGND
001
VDD
010
SDA
011
SCL
The DACx3202 supports broadcast addressing, which is used for synchronously updating or powering down
multiple DACx3202 devices. When the broadcast address is used, the DACx3202 responds regardless of the
address pin state. Broadcast is supported only in write mode.
7.5.2.2.2 Command Byte
Table 7-21 lists the command byte in the ADDRESS column.
www.ti.com
DAC53202, DAC63202
SLASF47 – MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DAC53202 DAC63202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com