Electronic Components Datasheet Search
  English  ▼

X  

DAC63202 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC63202
Description  DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC63202 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC63202 Datasheet HTML 35Page - Texas Instruments DAC63202 Datasheet HTML 36Page - Texas Instruments DAC63202 Datasheet HTML 37Page - Texas Instruments DAC63202 Datasheet HTML 38Page - Texas Instruments DAC63202 Datasheet HTML 39Page - Texas Instruments DAC63202 Datasheet HTML 40Page - Texas Instruments DAC63202 Datasheet HTML 41Page - Texas Instruments DAC63202 Datasheet HTML 42Page - Texas Instruments DAC63202 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
7.4.5.2 Function Generation
The DACx3202 implement a continuous function or waveform generation feature. These devices can generate a
triangular wave, sawtooth wave, and sine wave independently for every channel.
7.4.5.2.1 Triangular Waveform Generation
The triangular waveform uses the DAC-X-MARGIN-LOW and DAC-X-MARGIN-HIGH registers for minimum
and maximum levels, respectively. Equation 6 shows that the frequency of the waveform depends on the min
and max levels, CODE-STEP and SLEW-RATE settings. An external RC load with a time-constant larger than
the slew-rate settings can be dominant over the internal frequency calculation. The CODE-STEP-X and SLEW-
RATE-X settings are available in the DAC-X-FUNC-CONFIG register. Writing 0b000 to the FUNC-CONFIG-X bit
field in the DAC-X-FUNC-CONFIG register selects triangular waveform.
fTRIANGLE_WAVE=
1
2×SLEW_RATE× MARGIN_HIGH−MARGIN_LOW+1
CODE_STEP
(6)
where:
• SLEW_RATE is the SLEW-RATE-X setting specified in Table 7-6.
• CODE_STEP is the CODE-STEP-X setting specified in Table 7-5.
• MARGIN_HIGH is the DAC-X-MAGIN-HIGH specified in Section 7.6.2.
• MARGIN_LOW is the DAC-X-MAGIN-LOW specified in Section 7.6.3.
7.4.5.2.2 Sawtooth Waveform Generation
The sawtooth and the inverse sawtooth waveforms use the DAC-X-MARGIN-LOW and DAC-X-MARGIN-HIGH
registers for minimum and maximum levels, respectively. Equation 7 shows that the frequency of the waveform
depends on the min and max levels, CODE-STEP and SLEW-RATE settings. An external RC load with a
time constant larger than the slew-rate settings can be dominant over the internal frequency calculation. The
CODE-STEP-X and SLEW-RATE-X settings are available in the DAC-X-FUNC-CONFIG register. Write 0b001
to the FUNC-CONFIG-X bit field in the DAC-X-FUNC-CONFIG register to select sawtooth waveform, and write
0b010 to select inverse sawtooth waveform.
fSAWTOOTH_WAVE=
1
SLEW_RATE× MARGIN_HIGH−MARGIN_LOW+1
CODE_STEP
(7)
where:
• SLEW_RATE is the SLEW-RATE-X setting specified in Table 7-6.
• CODE_STEP is the CODE-STEP-X setting specified in Table 7-5.
• MARGIN_HIGH is the DAC-X-MAGIN-HIGH specified in Section 7.6.2.
• MARGIN_LOW is the DAC-X-MAGIN-LOW specified in Section 7.6.3.
www.ti.com
DAC53202, DAC63202
SLASF47 – MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DAC53202 DAC63202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com