Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 5 Page - Texas Instruments

  OPA656 Datasheet HTML 1Page - Texas Instruments OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
7.5 Electrical Characteristics: VS = ±5 V
At G = 1 V/V, RF = 0 Ω for G = 1 V/V, RF = 250 Ω for other gains, RL = 100 Ω referenced to mid-supply, input and output
referenced to mid-supply, and TA ≅ 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 200 mVPP
800
MHz
VOUT = 200 mVPP, G = 2 V/V
425
VOUT = 200 mVPP, G = 5 V/V
100
VOUT = 200 mVPP, G = 10 V/V
40
GBWP
Gain-bandwidth product
VOUT = 200 mVPP, G = 100 V/V
390
MHz
LSBW
Large-signal bandwidth
VOUT = 2 VPP
245
MHz
VOUT = 4 VPP
140
Bandwidth for 0.1-dB flatness
VOUT = 2 VPP
100
MHz
SR
Slew rate (10% to 90%)
VOUT = 4–V step
970
V/µs
Slew rate (10% to 90%)
VOUT = 1–V step, Gain = 2 V/V
900
tR, tF
Rise, fall time
VOUT = 200–mV step
1.5
ns
Settling time to 0.1%,
VOUT = 2–V step
6
ns
Overshoot and undershoot
VOUT = 2–V step
8
%
Output Overdrive recovery time
VOUT = VS– to VS+, G = 2 V/V,
15
ns
HD2
Second-order harmonic distortion
f = 1 MHz, VOUT = 2 VPP
–100
dBc
f = 10 MHz, VOUT = 2 VPP
–86
f = 50 MHz, VOUT = 2 VPP
–70
f = 10 MHz, VOUT = 2 VPP, RL = 1 kΩ
–100
HD3
Third-order harmonic distortion
f = 1 MHz, VOUT = 2 VPP
–120
dBc
f = 10 MHz, VOUT = 2 VPP
–99
f = 50 MHz, VOUT = 2 VPP
–66
f = 10 MHz, VOUT = 2 VPP, RL = 1 kΩ
–100
eN
Input voltage noise
f ≥ 200 kHz
4.5
nV/√Hz
Voltage noise 1/f corner frequency
2.6
kHz
Input current noise
18
fA/√Hz
DC PERFORMANCE
AOL
Open-loop voltage gain
VOUT = ±1 V
78
85
dB
TA = –40°C to +85°C
72
TA = –40°C to +105°C
69
VOS
Input-referred offset voltage
50
250
µV
TA = –40°C to +85°C
500
TA = –40°C to +105°C
600
Input offset voltage drift
TA = –40°C to +85°C
1
4
µV/°C
TA = –40°C to +105°C
1
4
IB
Input bias current
2
20
pA
TA = –40°C to +85°C
1250
TA = –40°C to +105°C
2500
IOS
Input offset current
1
20
pA
TA = –40°C to +85°C
700
TA = –40°C to +105°C
1250
Internal feedback trace resistance
Device turned OFF, OUT to FB pin
resistance
0.7
Ω
www.ti.com
OPA817
SBOS847 – JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com