Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
9.2 Typical Applications
9.2.1 High Bandwidth, 100-kΩ Gain Transimpedance Design
The high GBWP, low input voltage, and current noise of the OPA817 make it an excellent wideband
transimpedance amplifier for moderate to high transimpedance gains.
VO
+5 V
–5 V
+
–
RF
10 k
CF
0.8 pF
VBIAS
OPA817
Supply decoupling
not shown
CD
5 pF
CDIFF
0.1 pF
CCM
2.6 pF
OPA817's input differential and
common-mode capacitance
Figure 9-4. Wideband, High-Sensitivity, Transimpedance Amplifier
9.2.2 Design Requirements
Table 9-1 lists the design requirements for a high-bandwidth, high-transimpedance-gain amplifier.
Table 9-1. Design Requirements
TARGET BANDWIDTH (MHz) TRANSIMPEDANCE GAIN (kΩ) PHOTODIODE CAPACITANCE (pF)
28
10
5
9.2.3 Detailed Design Procedure
Designs that require high bandwidth from a large area detector with relatively high transimpedance gain benefit
from the low-input voltage noise of the OPA817. This input voltage noise is peaked up over frequency by the
diode source capacitance, and can, in many cases, become the limiting factor to input sensitivity. Figure 9-4
shows the transimpedance circuit with the parameters as defined in Table 9-1. With these three variables set
(including the parasitic input capacitance for the OPA817 and the printed circuit board (PCB) added to CD), the
feedback capacitor value (CF) can be set to control the frequency response. For a discussion about the theories
and equations that show how to compensate a transimpedance amplifier for a particular transimpedance gain
and input capacitance, see the Transimpedance Considerations for High-Speed Amplifiers application report.
The bandwidth and compensation equations from the application report are available in a Microsoft Excel™
calculator. A link to the calculator is provided at What You Need To Know About Transimpedance Amplifiers –
Part 1. Determine the total input capacitance (CTOT) to help with the component selection. CTOT is referred to as
CIN in the calculator. CTOT is the sum of CD, CDIFF, and CCM, which is 7.7 pF. As listed in Table 9-2, using the
value of CTOT, the targeted closed-loop bandwidth (f–3 dB) of 28 MHz, and transimpedance gain of 10 kΩ requires
an amplifier with approximately 380 MHz GBWP and a feedback capacitance (CF) of 0.8 pF. With OPA817's 390
MHz GBWP, it will be a suitable amplifier for the design requirements.
Table 9-2. Results of Inputting Design Parameters in the TIA Calculator
Calculator II
Closed-loop TIA Bandwidth (f-3dB)
28
MHz
Feedback Resistance (RF)
10
kΩ
Input Capacitance (CIN)
7.7
pF
Op amp Gain Bandwidth Product (GBP)
379.3
MHz
Feedback Capacitance (CF)
0.793
pF
OPA817
SBOS847 – JULY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com