Electronic Components Datasheet Search
  English  ▼

X  

F0109 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F0109
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F0109 Datasheet HTML 1Page - Renesas Technology Corp F0109 Datasheet HTML 2Page - Renesas Technology Corp F0109 Datasheet HTML 3Page - Renesas Technology Corp F0109 Datasheet HTML 4Page - Renesas Technology Corp F0109 Datasheet HTML 5Page - Renesas Technology Corp F0109 Datasheet HTML 6Page - Renesas Technology Corp F0109 Datasheet HTML 7Page - Renesas Technology Corp F0109 Datasheet HTML 8Page - Renesas Technology Corp F0109 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
F0109 Datasheet
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 3
Figures
Figure 1. Block Diagram .........................................................................................................................................1
Figure 2. Gain.........................................................................................................................................................8
Figure 3. STBY Mode Gain ....................................................................................................................................8
Figure 4. Reverse Isolation.....................................................................................................................................8
Figure 5. Input Return Loss ....................................................................................................................................8
Figure 6. Output Return Loss .................................................................................................................................8
Figure 7. Noise Figure ............................................................................................................................................8
Figure 8. DC Current (ICC) Vs Frequency ...............................................................................................................9
Figure 9. OP1dB.....................................................................................................................................................9
Figure 10. K Factor.................................................................................................................................................9
Figure 11: OIP3 ......................................................................................................................................................9
Figure 12. Top View .............................................................................................................................................10
Figure 13. Bottom View ........................................................................................................................................10
Figure 14. Electrical Schematic ............................................................................................................................11
Tables
Table 1. STBY Mode Truth Table...........................................................................................................................9
Table 2. Bill of Materials (BOM)............................................................................................................................12
Table 3. Pin1 Orientation in Tape and Reel Packaging ........................................................................................13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com