Electronic Components Datasheet Search
  English  ▼

X  

F0109 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F0109
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F0109 Datasheet HTML 9Page - Renesas Technology Corp F0109 Datasheet HTML 10Page - Renesas Technology Corp F0109 Datasheet HTML 11Page - Renesas Technology Corp F0109 Datasheet HTML 12Page - Renesas Technology Corp F0109 Datasheet HTML 13Page - Renesas Technology Corp F0109 Datasheet HTML 14Page - Renesas Technology Corp F0109 Datasheet HTML 15Page - Renesas Technology Corp F0109 Datasheet HTML 16Page - Renesas Technology Corp F0109 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
F0109 Datasheet
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 14
9.
Marking Diagram
IDTF01
09NBTI
ZYWBC
•
Lines 1 and 2 are the part number.
•
Line 2:
o
“NBT” is for package code.
o
“I” is for Industrial grade.
•
Line 3:
o
“Z” is for die version.
o
“YW” are for year and week that the part was assembled.
o
“BC” is for assembly lot number
10. Revision History
Revision
Date
Description
1.03
Jan 13, 2022
• Added Tape and Reel Information (Table 3).
1.02
Aug 11, 2021
• Modified the pin descriptions of 2, 3, 10, 11 to NC, and updated the relevant pin map and
symbol in schematic to NC (see Pin Information).
• Completed other minor changes.
1.01
Oct 14, 2020
Updated RF Performance table and Typical Performance Characteristics.
1.00
Aug 28, 2020
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com