Electronic Components Datasheet Search
  English  ▼

X  

F0109 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F0109
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F0109 Datasheet HTML 1Page - Renesas Technology Corp F0109 Datasheet HTML 2Page - Renesas Technology Corp F0109 Datasheet HTML 3Page - Renesas Technology Corp F0109 Datasheet HTML 4Page - Renesas Technology Corp F0109 Datasheet HTML 5Page - Renesas Technology Corp F0109 Datasheet HTML 6Page - Renesas Technology Corp F0109 Datasheet HTML 7Page - Renesas Technology Corp F0109 Datasheet HTML 8Page - Renesas Technology Corp F0109 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
F0109 Datasheet
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 4
1.
Pin Information
1.1
Pin Assignments
4
3
2
1
12
9
11
NC
RFIN1
NC
NC
RFOUT1
NC
RFOUT2
10
RFIN2
EPAD
4 × 4 × 0.75 mm 16-VFQFPN Package
Top View
1.2
Pin Descriptions
Number
Name
Description
1
RFIN1
Path 1 RF input. Must use external DC block. DC block is also a tuning element and must be close to the
pin for best RF performance.
4
RFIN2
Path 2 RF input. Must use external DC block. DC block is also a tuning element and must be close to the
pin for best RF performance.
2, 3, 5, 8, 10,
11, 13, 16
NC
No internal connection. These pins can be left unconnected, or connected to ground (highly
recommended). Use a via as close to the pin as possible if grounded.
6
STBY2
Standby pin for path 2. With Logic LOW applied to this pin (or if the pin is left unconnected), the amplifier
on path 2 is powered ON. With Logic HIGH applied to this pin, the path 2 amplifier is Powered OFF and
the path is in Standby mode. Pin is 1.8V logic compatible.
7
BIAS2
Path 2 voltage control.
9
RFOUT2
Path
2 RF output internally matched to 50Ω. An external pull-up inductor to a common V
CC is required to
bias the amplifier. Must use an external DC block after the pull-up inductor. DC block is also a tuning
element and must be close to the pin for best RF performance.
12
RFOUT1
Path 1 RF output internally matched to 50Ω. An external pull-up inductor to a common V
CC is required to
bias the amplifier. Must use an external DC block after the pull-up inductor. DC block is also a tuning
element and must be close to the pin for best RF performance.
14
BIAS1
Path 1 voltage control.
15
STBY1
Standby pin for path 1. With Logic LOW applied to this pin (or if the pin is left unconnected), the amplifier
on path 1 is powered ON. With Logic HIGH applied to this pin, the path 1 amplifier is Powered OFF and
the path is in Standby mode. Pin is 1.8V logic compatible.
–
EPAD
Exposed paddle. Internally connected to ground. Solder this exposed paddle to a Printed Circuit Board
(PCB) pad that uses multiple ground vias to provide heat transfer out of the device into the PCB ground
planes. These multiple ground vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com