Electronic Components Datasheet Search
  English  ▼

X  

F0109 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F0109
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F0109 Datasheet HTML 3Page - Renesas Technology Corp F0109 Datasheet HTML 4Page - Renesas Technology Corp F0109 Datasheet HTML 5Page - Renesas Technology Corp F0109 Datasheet HTML 6Page - Renesas Technology Corp F0109 Datasheet HTML 7Page - Renesas Technology Corp F0109 Datasheet HTML 8Page - Renesas Technology Corp F0109 Datasheet HTML 9Page - Renesas Technology Corp F0109 Datasheet HTML 10Page - Renesas Technology Corp F0109 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
F0109 Datasheet
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 7
2.4
Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance.
θ
JA
95.6
°C/W
Junction to Case Thermal Resistance.
(Case is defined as the exposed paddle)
θ
JC-BOT
23.6
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
3.
Typical Operating Conditions (TOC)
Unless otherwise noted, for the TOC graphs on the following pages, the following conditions apply:
•
VCC = 5.0V
•
STBY = LOW
•
fRF = 850MHz
•
ZL = ZS = 50
Ω single-ended
•
POUT = 5dBm/tone (Two-tone parameters)
•
1MHz tone spacing
•
650MHz – 1000MHz tune specific application circuit
•
All temperatures are referenced to the exposed paddle
•
Evaluation Kit traces and connector losses are de-embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com