Electronic Components Datasheet Search
  English  ▼

X  

F0109 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F0109
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F0109 Datasheet HTML 1Page - Renesas Technology Corp F0109 Datasheet HTML 2Page - Renesas Technology Corp F0109 Datasheet HTML 3Page - Renesas Technology Corp F0109 Datasheet HTML 4Page - Renesas Technology Corp F0109 Datasheet HTML 5Page - Renesas Technology Corp F0109 Datasheet HTML 6Page - Renesas Technology Corp F0109 Datasheet HTML 7Page - Renesas Technology Corp F0109 Datasheet HTML 8Page - Renesas Technology Corp F0109 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
F0109 Datasheet
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 5
2.
Specifications
2.1
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause
permanent damage to the device. Functional operation of the F0109 at absolute maximum ratings is not implied.
Exposure to absolute maximum rating conditions can affect device reliability.
Parameter
Symbol
Minimum
Maximum
Unit
VCC to GND
VCC
-0.3
+ 6.0
V
STBY1, STBY2
VCTL
-0.3
+5.25
V
RFIN1, RFIN2 externally applied DC voltage
VRFIN
- 0.3
+ 0.3
V
RFOUT1, RFOUT2 externally applied DC voltage
VRFOUT
- 0.3
+ 6.0
V
ON STATE: RF CW Input Power (RFIN1, RFIN2) applied for 2 hours max.
VCC = 5V, TEP
= 105˚C, input / output VSWR < 2:1 based on a 50Ω system. [a]
PMAX_IN_ON
20
dBm
OFF STATE: RF CW Input Power (RFIN1, RFIN2) applied for 2 hours max.
VCC = 5V, TEP
= 105˚C, input / output VSWR < 2:1 based on a 50Ω system. [a]
PMAX_IN_OFF
20
dBm
Storage Temperature Range
TSTOR
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
Electrostatic Discharge – HBM (JEDEC/ESDA JS-001-2012)
VESDHBM
500
V
Electrostatic Discharge – CDM (JEDEC 22-C101F)
VESDCDM
500
V
[a] Exposure to these maximum RF levels can result in significantly higher ICC current draw because of overdriving the amplifier stages.
2.2
Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Unit
Power Supply Voltage [a]
VCC
4.75
5.25
V
Operating Temperature Range
TEP
Exposed paddle
-40
+105
°C
Junction Temperature
TJ
160
°C
RF Frequency Range
FRF
650
1000
MHz
Maximum Operating RF Input
Power to RFIN1, RFIN2 [b]
PMAX
+5
dBm
RF Source Impedances
ZRFI
Single-ended
50
Ω
RF Load Impedances
ZRFO
Single-ended
50
Ω
[a] Functional voltage operating range. Device is designed to func
tion with any supply voltage ≥ 4.75V, although performance may be
degraded when operated outside the recommended voltage range.
[b] CW power over operating temperature, operating voltage, and operating frequency range. Input/output VSWR < 2:1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com