Electronic Components Datasheet Search
  English  ▼

X  

F0109 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F0109
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F0109 Datasheet HTML 8Page - Renesas Technology Corp F0109 Datasheet HTML 9Page - Renesas Technology Corp F0109 Datasheet HTML 10Page - Renesas Technology Corp F0109 Datasheet HTML 11Page - Renesas Technology Corp F0109 Datasheet HTML 12Page - Renesas Technology Corp F0109 Datasheet HTML 13Page - Renesas Technology Corp F0109 Datasheet HTML 14Page - Renesas Technology Corp F0109 Datasheet HTML 15Page - Renesas Technology Corp F0109 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
F0109 Datasheet
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 12
Table 2. Bill of Materials (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1, C4, C13, C18
4
51pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H510J
Murata
C21, C22, C11, C19
4
100pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H101J
Murata
C9, C16
2
10,000pF ±10% 50V Ceramic Capacitor X7R (0805)
GRM216R71H103KA
Murata
C10, C20
2
1000pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H102J
Murata
C29, C30
2
1.2pF ±0.05pF, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H1R2W
Murata
L2, L4
2
1.2nH ±5%, Inductor (0402)
LQP15MN1N2B02
Murata
L7, L9
2
12nH ±5%,Inductor 0402
0402CT-12NXJR
Coilcraft
R8, R15
2
51Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF51R0X
Panasonic
R4, R12
2
806Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF8060X
Panasonic
R2, R6, R10, R14, R21, R22
6
0Ω Resistors (0402)
ERJ-2GE0R00X
Panasonic
R24, R25, R27, R28
4
0Ω Resistors (0402)
ERJ-2GE0R00X
Panasonic
U4
1
Hybrid Coupler
X3C09P1-03S
Anaren
U3
1
Hybrid Coupler
C0810J5003AHF
Anaren
U1
1
F0109
Renesas
Renesas
J14, J15
2
CONN HEADER VERT DBL 3 X 2 POS GOLD
3M
J12
1
CONN HEADER VERT DBL 5 X 2 POS GOLD
961210-6404-AR
3M
J17, J18
CONN HEADER VERT DBL 3 X 1 POS GOLD
3M
J1, J2, J5, J6, J7
5
Edge Launch SMA (0.375inch pitch ground tab)
(50
Ω)
142-0701-851
Emerson
Johnson
1
Printed Circuit Board (Rev B)
Renesas
Renesas
C31
1
DNP
5.3
Evaluation Kit Operation
5.3.1.
Power Supply Setup
Set up a power supply in the voltage range of 4.75V to 5.25V with the power supply output disabled. The voltage
can be applied using one of the following connections:
•
Directly to the J5 SMA and connecting Pins 3 and 4 together on both J14 and J15.
•
Directly to Pin 3 on both J14 and J15.
5.3.2.
Power-On Procedure
Set up the voltage supplies, and Evaluation Board as described in the Power Supply Setup section and Enable
the VCC supply. Make sure the correct logic voltage is applied to the STBY pins on each path as defined in
Table 1.
5.3.3.
Power-Off Procedure
Disable the VCC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com