Electronic Components Datasheet Search
  English  ▼

X  

F0109 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F0109
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F0109 Datasheet HTML 2Page - Renesas Technology Corp F0109 Datasheet HTML 3Page - Renesas Technology Corp F0109 Datasheet HTML 4Page - Renesas Technology Corp F0109 Datasheet HTML 5Page - Renesas Technology Corp F0109 Datasheet HTML 6Page - Renesas Technology Corp F0109 Datasheet HTML 7Page - Renesas Technology Corp F0109 Datasheet HTML 8Page - Renesas Technology Corp F0109 Datasheet HTML 9Page - Renesas Technology Corp F0109 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
F0109 Datasheet
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 6
2.3
Electrical Specifications
2.3.1.
General
See the F0109 Typical Application Circuit. Specifications apply when operated as a dual RX LNA with VCC = +5.0V, fRF = 850MHz,
TEP = +25°C, STBY1 = STBY2 = Logic LOW, ZS = ZL = 50
Ω, P
OUT = +5dBm/tone for two-tone parameters, two-tone spacing = 1MHz,
Evaluation Board (EVKit) traces and connectors are de-embedded, unless otherwise stated.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Unit
Logic Input High Threshold
VIH
1.17 [a]
Lower of
(VCC, 5.25)
V
Logic Input Low Threshold
VIL
-0.3
0.63
V
Logic Current High Threshold
IIH
5
250
µA
Logic Current Low Threshold
IIL
-20
50
µA
Quiescent Current
ICC_Q
Single path
58
80
mA
Both paths
115
160
mA
Standby Current
ICC_STBY
STBY1 = STBY2 = HIGH
5
15
mA
Standby Switching Time
TON
50% STBY control to within
0.1dB of the on-state final gain
value and 1 degree of final
phase value
840
ns
TOFF
50% STBY control to
ICC < 10mA
250
ns
[a] Specifications in the minimum/maximum columns that are shown in bold italics are confirmed by test. Specifications in these columns
that are not shown in bold italics are confirmed by design characterization.
2.3.2.
RF (Balanced Configuration) (0.65GHz to 1GHz) Performance
See the F0109 Typical Application Circuit. Specifications apply when operated as a dual RX LNA with VCC = +5.0V, fRF = 850MHz, TEP = +25°C,
STBY1 = STBY2 = Logic LOW, ZS = ZL = 50
Ω, P
OUT = +5dBm/tone for two-tone parameters, two-tone spacing = 1MHz, Evaluation Board
(EVKit) traces and connectors are de-embedded, unless otherwise stated.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Unit
RF Input Return Loss
RLIN
23
dB
RF Output Return Loss
RLOUT
21
dB
Gain
G
16
18
20.5
dB
Gain Flatness
GFLAT
fRF = 650MHz – 1000MHz
Flatness referenced to Gain at
band center
-1.4/+1.8
dB
Gain Variation over Temperature
GTEMP
TEPAD = -40°C to 105°C
-0.3/+0.4
dB
Reverse Isolation
ISO
27
dB
STBY Mode Gain
GSTBY
-25
dB
Noise Figure
NF
De-embedded to the input pin
of the Hybrid Coupler
0.5
0.7
dB
Output IP3
OIP3
POUT
= 5dBm/tone, ∆f = 1MHz
37
40
dBm
Output P1dB
OP1dB
20
24
dBm
Stability
K
K-Factor
VCC = 4.75V – 5.25V
TEP = -40°C – 105°C
fRF = 10MHz – 20GHz
1
[a] Specifications in the minimum/maximum columns that are shown in bold italics are confirmed by test. Specifications in these columns that
are not shown in bold italics are confirmed by design characterization using external matching BOM optimizing for 0.65GHz to 1.0GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com